Electronic Components Datasheet Search
  English  ▼

X  

FXLS93230 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # FXLS93230
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93230 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button FXLS93230 Datasheet HTML 22Page - NXP Semiconductors FXLS93230 Datasheet HTML 23Page - NXP Semiconductors FXLS93230 Datasheet HTML 24Page - NXP Semiconductors FXLS93230 Datasheet HTML 25Page - NXP Semiconductors FXLS93230 Datasheet HTML 26Page - NXP Semiconductors FXLS93230 Datasheet HTML 27Page - NXP Semiconductors FXLS93230 Datasheet HTML 28Page - NXP Semiconductors FXLS93230 Datasheet HTML 29Page - NXP Semiconductors FXLS93230 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Self-test Delta Offset: Δ Offset from Pre-Self-test to Post Self-test
(12 bit, Lateral, or Z-Axis, All Ranges)
10692
25 °C
ΔSTOFF_25
–2
—
+2
LSB
1
10692
–40 °C ≤ TA ≤ 125 °C
ΔSTOFF_T
–4
—
+4
LSB
1
Digital Self-test
44629
Digital Self-test 0xC, 16-bit Signed SNSDATAx Register Value
DSTC0
E77F
E780
E781
HEX
7
44630
Digital Self-test 0xD, 16-bit Signed SNSDATAx Register Value
DSTD0
0FA3
0FA4
0FA5
HEX
7
44631
Digital Self-test 0xE, 16-bit Signed SNSDATAx Register Value
DSTE0
EFA2
EFA3
EFA4
HEX
7
44632
Digital Self-test 0xF, 16-bit Signed SNSDATAx Register Value
DSTF0
07B7
07B8
07B9
HEX
7
Table 31. Electrical characteristics - inertial sensor self-test...continued
10.9 Electrical characteristics - lateral inertial sensor overload
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Acceleration Range, Lateral Transducer
10694
Medium g
gg-cell_ClipMedX
± 500
—
—
g
7
10693
High g
gg-cell_ClipHiX
± 2000
—
—
g
7
21074
Digital Clipping Limit (Medium g Lateral, must clip before transducer
and ADC)
gDig_ClipMedXHi
± 400
—
—
g
7
21082
Digital Clipping Limit (High g Lateral, must clip before transducer and
ADC)
gDig_ClipHiXHi
± 1500
—
—
g
7
Table 32. Electrical characteristics - lateral inertial sensor overload
10.10 Electrical characteristics - Z-axis inertial sensor overload
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Acceleration Range, Z-Axis Transducer
10698
Medium g
gg-cell_ClipMedZ
± 500
—
—
g
7
10699
High g
gg-cell_ClipHiZ
± 2000
—
—
g
7
21105
Digital Clipping Limit (Medium g Z-Axis, must clip before transducer
and ADC)
gDig_ClipMedZHi
± 400
—
—
g
7
21113
Digital Clipping Limit (High g Z-Axis, must clip before transducer and
ADC)
gDig_ClipHiZHi
± 1500
—
—
g
7
Table 33. Electrical characteristics - Z-axis inertial sensor overload
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
26 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com