Electronic Components Datasheet Search
  English  ▼

X  

FXLS93230 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # FXLS93230
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS93230 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button FXLS93230 Datasheet HTML 76Page - NXP Semiconductors FXLS93230 Datasheet HTML 77Page - NXP Semiconductors FXLS93230 Datasheet HTML 78Page - NXP Semiconductors FXLS93230 Datasheet HTML 79Page - NXP Semiconductors FXLS93230 Datasheet HTML 80Page - NXP Semiconductors FXLS93230 Datasheet HTML 81Page - NXP Semiconductors FXLS93230 Datasheet HTML 82Page - NXP Semiconductors FXLS93230 Datasheet HTML 83Page - NXP Semiconductors FXLS93230 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
User sensitivity shift factor
User multiplier value
Device
type
Desired
range
(g)
Desired
sensitivity (10
bit, LSB/g)
NXP trim
(10 bit, LSB/g)
NXP trim
(16 bit, LSB/g)
U_SNS_
SHIFT (HEX)
Shift Factor
U_SNS_
MULT (HEX)
Multiplier
value
(Dec)
Actual
sensitivity
(PSI5 10
bit, LSB/g)
Actual
sensitivity
(PSI5 16
bit, LSB/g)
15
32.0000
8.2540
528.256
0x3
2
0xF0
240
31.9844
2047.00
20
24.0000
8.2540
528.256
0x3
2
0x74
116
23.9883
1535.25
30
16.0000
8.2540
528.256
0x2
1
0xF0
240
15.9922
1023.50
60
8.0000
8.2540
528.256
0x1
0.5
0xF0
240
7.9961
511.500
Medium g
120
4.0000
8.2540
528.256
0x0
0.25
0xF0
240
3.9980
255.875
60
8.0000
2.7366
175.142
0x3
2
0x76
118
7.9961
511.749
120
4.0000
2.7366
175.142
0x2
1
0x76
118
3.9980
255.874
240
2.0000
2.7366
175.142
0x1
0.5
0x76
118
1.9990
127.937
High g
480
1.0000
2.7366
175.142
0x0
0.25
0x76
118
0.9995
63.9686
Note:
Table 140 includes some typical device ranges. Other ranges are possible with the user-selected shift and multiplier values.
Table 140. Example user shift and multiplier configuration for typical psi5 scale range
11.2.25 Channel 0 user configuration #3 register (CH0_CFG_U3)
The Channel 0 user configuration #3 register is a user programmable read/write register
which contains channel-specific configuration information. This register is included in the
read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$42
CH0_CFG_U3
UNSIGN
EDDATA
DATATYPE0[1:0]
DATATYPE1[2:0]
MOVEAVG[1:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 141. Channel 0 user configuration #3 register (CH0_CFG_U3)
11.2.25.1 Unsigned data select bit (UNSIGNEDDATA)
The unsigned data selection bit selects signed or unsigned data for the register and
sensor data transmissions as shown in Table 142.
Register values
DATATYPE transmissions
UNSIGN
EDDATA
CHx_SNSDATA0
CHx_SNSDATA1
Sensor data (DSI, SPI)
Sensor data (PSI5)
Channel Sensor Data
0
Signed Data
Signed Data
Signed Data
1
Unsigned Data
Unsigned Data
Unsigned Data
Signed Data
Temperature Sensor Data
0
1
As specified in Section 11.7.2
Table 142. Unsigned data select bit (UNSIGNEDDATA)
11.2.25.2 Channel 0 data type 0 selection bits (CHxDATATYPE0)
The Channel Data Type 0 selection bits select the type of data to be included in the
SNSDATA0_L and SNSDATA0_H registers.
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
80 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com