Electronic Components Datasheet Search
  English  ▼

X  

FXLS90433 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # FXLS90433
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90433 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button FXLS90433 Datasheet HTML 42Page - NXP Semiconductors FXLS90433 Datasheet HTML 43Page - NXP Semiconductors FXLS90433 Datasheet HTML 44Page - NXP Semiconductors FXLS90433 Datasheet HTML 45Page - NXP Semiconductors FXLS90433 Datasheet HTML 46Page - NXP Semiconductors FXLS90433 Datasheet HTML 47Page - NXP Semiconductors FXLS90433 Datasheet HTML 48Page - NXP Semiconductors FXLS90433 Datasheet HTML 49Page - NXP Semiconductors FXLS90433 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
DEVINIT
Condition
0
Normal operation
1
Device Initialization in Process
Table 54. Device initialization (DEVINIT)
11.2.2.9 VBUF under-voltage error (VBUFUV_ERR)
The VBUF under-voltage error bit is set if the VBUF voltage falls below the voltage
specified in Section 10.4. See Section 11.4 for details on the VBUF under-voltage monitor.
A common timer is used for all error bits in the DEVSTAT1 register. If any supply error
is present, the timer is reset to tUVOV_RCV. This bit is cleared based on the state of the
SUP_ERR_DIS bit in the DEVLOCK_WR register as shown in Section 11.2.2.5.
VBUFUV_ERR
Error condition
0
No error detected
1
VBUF Voltage Low
Table 55. VBUF under-voltage error (VBUFUV_ERR)
11.2.2.10 BUS IN under-voltage error (BUSINUV_ERR)
The BUS IN under-voltage error bit is set if the BUS_IN voltage falls below the voltage
specified in Section 10.4. See Section 11.4 for details on the BUS IN under-voltage
monitor. A common timer is used for all error bits in the DEVSTAT1 register. If any supply
error is present, the timer is reset to tUVOV_RCV. This bit is cleared based on the state of
the SUP_ER-R_DIS bit in the DEVLOCK_WR register as shown in Section 11.2.2.5.
BUSINUV_ERR
Error condition
0
No error detected
1
BUS_IN Voltage Low
Table 56. BUS IN under-voltage error (BUSINUV_ERR)
11.2.2.11 VBUF over-voltage error (VBUFOV_ERR)
The VBUF over-voltage error bit is set if the VBUF voltage rises above the voltage
specified in Section 10.4. See Section 11.4 for details on the VBUF over-voltage monitor.
A common timer is used for all error bits in the DEVSTAT1 register. If any supply error
is present, the timer is reset to tUVOV_RCV. This bit is cleared based on the state of the
SUP_ERR_DIS bit in the DEVLOCK_WR register as shown in Section 11.2.2.5.
VBUFUV_ERR
Error condition
0
No error detected
1
VBUF Voltage High
Table 57. VBUF over-voltage error (VBUFOV_ERR)
11.2.2.12 Internal analog regulator voltage out of range error (INTREGA_ERR)
The internal analog regulator voltage out of range error bit is set if the internal analog
regulator voltage falls outside expected limits. A common timer is used for all error bits
in the DEVSTAT1 register. If any supply error is present, the timer is reset to tUVOV_RCV.
This bit is cleared based on the state of the SUP_ERR_DIS bit in the DEVLOCK_WR
register as shown in Section 11.2.2.5.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
46 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com