Electronic Components Datasheet Search
  English  ▼

X  

FXLS90433 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # FXLS90433
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90433 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button FXLS90433 Datasheet HTML 64Page - NXP Semiconductors FXLS90433 Datasheet HTML 65Page - NXP Semiconductors FXLS90433 Datasheet HTML 66Page - NXP Semiconductors FXLS90433 Datasheet HTML 67Page - NXP Semiconductors FXLS90433 Datasheet HTML 68Page - NXP Semiconductors FXLS90433 Datasheet HTML 69Page - NXP Semiconductors FXLS90433 Datasheet HTML 70Page - NXP Semiconductors FXLS90433 Datasheet HTML 71Page - NXP Semiconductors FXLS90433 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
PSI5
DSI3
CHIPTIME[3]
CHIPTIME[2]
CHIPTIME[1]
CHIPTIME[0]
Period time
Baud rate
Slew control
Chip time
Chip rate
Slew control
1
1
0
1
8.0 µs
125 kHz
Enabled
4.0 µs
250.0 kHz
Enabled
1
1
1
0
8.0 µs
125 kHz
Enabled
4.5 µs
222.2 kHz
Enabled
1
1
1
1
8.0 µs
125 kHz
Enabled
5.0 µs
200.0 kHz
Enabled
Table 106. Chip time (CHIPTIME)...continued
In SPI and I2C mode, the CHIPTIME bits are readable and writable but have no impact
on device operation or performance.
11.2.16 Timing configuration #2 register (TIMING_CFG2)
The timing configuration #2 register is a user programmed read/write register which
contains user-specific timing configuration information. This register is included in the
read/write array error detection. See Section 12.4 for details regarding Background
Diagnostic Mode.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$24
TIMING_CFG2
PSI5_
INIT2_D19
OSCTRAIN_ERRCNT[2:0]
CAPTEST_OFF
RESERVED
BDM_
FRAGSIZE
BDM_EN
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 107. Timing configuration #2 register (TIMING_CFG2)
11.2.16.1 PSI5 initialization phase 2 D19 and D20 change bit (PSI5_INIT2_D19)
The PSI5 initialization phase 2 D19 and D20 change bit provides the option to change
the data transmitted in PSI5 Initialization Phase 2 nibbles D19 and D20 as shown in
Table 108.
Initialization phase 2 data
PSI5_INIT2_
D19
D19
D20
Reference
0
SN4[7:4]
SN4[3:0]
Section 11.2.42, Section 13.4.2.1
1
USERDATA_6[7:4] USERDATA_E[7:4] Section 11.2.45.1, Section 13.4.2.1
Table 108. PSI5 initialization phase 2 D19 and D20 change bit (PSI5_INIT2_D19)
In DSI3 mode, SPI mode, and I2C mode, the PSI5_INIT2_D19 bit is readable and
writable, but has no impact on device operation or performance.
11.2.16.2 Oscillator training error counter (OSCTRAIN_ERRCNT[2:0])
The oscillator training error counter bits use the number of 4 ms periods used to
determine the error detection time for oscillator training as shown in Table 109. See
Section 11.5.2 for details regarding oscillator training error detection.
OSCTRAIN_ERRCNT[2:0]
4 ms periods counted
before the OSCTRAIN
error flag is set
Minimum time for
error detection
(ms)
0
0
0
64
256
Table 109. Oscillator training error counter (OSCTRAIN_ERRCNT[2:0])
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
68 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com