Electronic Components Datasheet Search
  English  ▼

X  

FXLS90433 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # FXLS90433
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90433 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button FXLS90433 Datasheet HTML 61Page - NXP Semiconductors FXLS90433 Datasheet HTML 62Page - NXP Semiconductors FXLS90433 Datasheet HTML 63Page - NXP Semiconductors FXLS90433 Datasheet HTML 64Page - NXP Semiconductors FXLS90433 Datasheet HTML 65Page - NXP Semiconductors FXLS90433 Datasheet HTML 66Page - NXP Semiconductors FXLS90433 Datasheet HTML 67Page - NXP Semiconductors FXLS90433 Datasheet HTML 68Page - NXP Semiconductors FXLS90433 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
11.2.14.4 Command and response mode period (CRM_PER[1:0])
In DSI3 mode, the command and response mode period bits set the period for command
and response mode commands in increments of the periodic data collection mode period
(PDCM_PER). This value is only necessary for DSI3 oscillator training and is only used
if the CK_CAL_EN bit is set in the TIMING_CFG register. command and response mode
commands will be decoded and responded to regardless of the value of this register
as long as the general command and response mode timing parameters specified in
Section 10.11 are met. See Section 11.5.1 for details regarding oscillator training.
In SPI and I2C mode, the CRM_PER[1:0] bits are readable and writable, but have no
impact on device operation or performance.
In PSI5 mode, the CRM_PER[1:0] bits are readable and writable, but have no impact on
device operation or performance.
CRM_PER[1]
CRM_PER[0]
Command and response mode period
(Multiples of the periodic data collection mode period)
0
0
1
0
1
2
1
0
4
1
1
8
Table 98. Command and response mode period (CRM_PER[1:0])
11.2.14.5 Clock calibration enable (CK_CAL_EN)
The clock calibration enable bit enables oscillator training over the DSI3, PSI5, SPI, or
I2C communication interface. See Section 11.5.1 for details regarding oscillator training.
CK_CAL_EN CK_CAL_RST Oscillator training
0
0
The oscillator value is maintained at the last trained value prior
to clearing the CK_CAL_RST bit.
0
1
The oscillator value is reset to the untrained value with a
tolerance specified in Section 10.20.
1
x
Oscillator is trained as specified in Section 11.5.1
Table 99. Clock calibration enable (CK_CAL_EN)
11.2.15 Chip time and bit time register (CHIPTIME)
The chip time and bit time register is a user programmed read/write register which
contains user-specific configuration information. This register is included in the read/write
array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$23
CHIPTIME
ST_RPT[1:0]
PSI5_
ERRLATCH
SS_EN
CHIPTIME[3:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 100. Chip time and bit time register (CHIPTIME)
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
65 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com