Electronic Components Datasheet Search
  English  ▼

X  

TPS2091 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2091
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2091 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2091 Datasheet HTML 9Page - Texas Instruments TPS2091 Datasheet HTML 10Page - Texas Instruments TPS2091 Datasheet HTML 11Page - Texas Instruments TPS2091 Datasheet HTML 12Page - Texas Instruments TPS2091 Datasheet HTML 13Page - Texas Instruments TPS2091 Datasheet HTML 14Page - Texas Instruments TPS2091 Datasheet HTML 15Page - Texas Instruments TPS2091 Datasheet HTML 16Page - Texas Instruments TPS2091 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
www.ti.com
VO(OC)
2 V/div
IO(OUT)
500 mA/div
t − Time − 2 ms/div
VO(OC)
2 V/div
IO(OUT)
500 mA/div
t − Time − 2 ms/div
TYPICAL CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2
3
4
5
6
VI − Input Voltage − V
CL = 100 mF,
RL = 10 W,
TA = 255C
2.8
2.9
3
3.1
3.2
3.3
2
3
4
5
6
VI − Input Voltage − V
CL = 100 mF,
RL = 10 W,
TA = 255C
TPS2041B,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514E – APRIL 2004 – REVISED JANUARY 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 8. 3-
Ω Load Connected to Enabled Device
Figure 9. 2-
Ω Load Connected to Enabled Device
TURNON TIME
TURNOFF TIME
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 10.
Figure 11.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com