Electronic Components Datasheet Search
  English  ▼

X  

TPS2091 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS2091
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2091 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS2091 Datasheet HTML 20Page - Texas Instruments TPS2091 Datasheet HTML 21Page - Texas Instruments TPS2091 Datasheet HTML 22Page - Texas Instruments TPS2091 Datasheet HTML 23Page - Texas Instruments TPS2091 Datasheet HTML 24Page - Texas Instruments TPS2091 Datasheet HTML 25Page - Texas Instruments TPS2091 Datasheet HTML 26Page - Texas Instruments TPS2091 Datasheet HTML 27Page - Texas Instruments TPS2091 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
www.ti.com
DP1
DM1
DP2
DM2
DP3
DM3
DP4
PWRON1
OVRCUR1
PWRON2
OVRCUR2
DM4
DP0
DM0
VCC
XTAL1
XTAL2
OCSOFF
SN75240
D +
D −
5 V
GND
D +
D −
5 V
D +
D −
5 V
D +
D −
5 V
48-MHz
Crystal
Downstream
Ports
TUSB2040
Hub Controller
Tuning
Circuit
A
B
C
D
33
µF†
SN75240
A
B
C
D
GND
GND
GND
33
µF†
33
µF†
33
µF†
D +
D −
Upstream
Port
TPS2041B
SN75240
A
B
5 V
GND
C
D
1
µF
IN
GND
Ferrite Beads
Ferrite Beads
Ferrite Beads
Ferrite Beads
BUSPWR
GANGED
Tie to TPS2041B EN Input
OC
EN
OUT
5-V Power
Supply
IN
GND
3.3 V
4.7
µF
0.1
µF
4.7
µF
EN1
IN
OC1
OUT1
TPS2042B
EN2
OC2
OUT2
0.1
µF
GND
† USB rev 1.1 requires 120
µF per hub.
TPS76333
PWRON3
PWRON4
OVRCUR3
OVRCUR4
EN1
IN
OC1
OUT1
TPS2042B
EN2
OC2
OUT2
0.1
µF
TPS2041B,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514E – APRIL 2004 – REVISED JANUARY 2006
APPLICATION INFORMATION (continued)
Figure 34. Hybrid Self / Bus-Powered Hub Implementation, TPS2042B/TPS2052B
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com