Electronic Components Datasheet Search
  English  ▼

X  

TPS2091 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS2091
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2091 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2091 Datasheet HTML 13Page - Texas Instruments TPS2091 Datasheet HTML 14Page - Texas Instruments TPS2091 Datasheet HTML 15Page - Texas Instruments TPS2091 Datasheet HTML 16Page - Texas Instruments TPS2091 Datasheet HTML 17Page - Texas Instruments TPS2091 Datasheet HTML 18Page - Texas Instruments TPS2091 Datasheet HTML 19Page - Texas Instruments TPS2091 Datasheet HTML 20Page - Texas Instruments TPS2091 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
www.ti.com
1
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
5.5
6
TA = 255C
Load Ramp = 1A/10 ms
VI − Input Voltage − V
TPS2043B,
TPS2044B,
TPS2053B,
TPS2054B
VI − Input Voltage − V
1
1.2
1.4
1.6
1.8
2
2.5
3
3.5
4
4.5
5
5.5
6
TA = 255C
Load Ramp = 1A/10 ms
TPS2041B,
TPS2042B,
TPS2051B,
TPS2052B
0
20
40
60
80
100
0
2.5
5
7.5
10
12.5
Peak Current − A
VI = 5 V,
TA = 255C
2.1
2.14
2.18
2.22
2.26
2.3
−50
0
50
100
150
UVLO Rising
UVLO Falling
TJ − Junction Temperature − 5C
TPS2041B,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514E – APRIL 2004 – REVISED JANUARY 2006
TYPICAL CHARACTERISTICS (continued)
THRESHOLD TRIP CURRENT
THRESHOLD TRIP CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 24.
Figure 25.
UNDERVOLTAGE LOCKOUT
CURRENT-LIMIT RESPONSE
vs
vs
JUNCTION TEMPERATURE
PEAK CURRENT
Figure 26.
Figure 27.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com