Electronic Components Datasheet Search
  English  ▼

X  

MAX19700EVCMOD2 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX19700EVCMOD2
Description  ADC/DAC Sampling Rate Up to 7.5Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19700EVCMOD2 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX19700EVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX19700 evaluation system (EV system) consists
of a MAX19700 evaluation kit (EV kit), a companion
Maxim command module (CMOD232) interface board,
and software. Order the complete EV system
(MAX19700EVCMOD2) for comprehensive evaluation of
the MAX19700 using a personal computer. Order the
EV kit (MAX19700EVKIT) if the command module has
already been purchased with a previous Maxim EV sys-
tem, or for custom use in other microcontroller-based
(µC) systems.
The MAX19700 EV kit is a fully assembled and tested
circuit board that contains all the components neces-
sary to evaluate the performance of the MAX19700 ana-
log front-end (AFE). The MAX19700 integrates a dual
receive analog-to-digital converter (Rx ADC), a dual
transmit digital-to-analog converter (Tx DAC), a 1.024V
internal voltage reference, and three low-speed serial
DACs. The EV kit board accepts AC- or DC-coupled,
differential or single-ended analog inputs for the Rx
ADC and includes circuitry that converts the Tx DAC
differential output signals to single-ended analog out-
puts. The EV kit includes circuitry that generates a
clock signal from an AC sine-wave input signal. The EV
kit operates from a +3.0V analog power supply, a
+1.8V digital power supply, a +3.0V clock power sup-
ply, and ±5V bipolar power supplies.
The Maxim command module interface board
(CMOD232) allows a PC to use its serial port to emulate
an SPI™ 3-wire interface. Windows 98/2000/XP®-com-
patible software, which can be downloaded from
www.maxim-ic.com, provides a user-friendly interface
to exercise the features of the MAX19700. The program
is menu driven and offers a graphical user interface
(GUI) with control buttons and a status display.
Features
o ADC/DAC Sampling Rate Up to 7.5Msps
o Low-Voltage and Power Operation
o Adjustable Gain Low-Speed DAC Buffers
o On-Board Clock-Shaping Circuitry
o On-Board Level-Translating I/O Drivers
o Assembled and Tested
o Include Windows 98/2000/XP-Compatible
Software
MAX19700 Evaluation Kit/Evaluation System
________________________________________________________________ Maxim Integrated Products
1
19-3743; Rev 0; 6/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
SPI is a trademark of Motorola, Inc.
Windows is a registered trademark of Microsoft Corp.
PART
TEMP
RANGE
IC
PACKAGE
SPI
INTERFACE
TYPE
MAX19700EVKIT
0
°C to
+70
°C
48 TQFN
Not included
MAX19700EVCMOD2
0
°C to
+70
°C
48 TQFN
CMOD232
PROGRAM
DESCRIPTION
INSTALL.EXE
Installs the EV kit software
MAX19700.EXE
Application program
HELPFILE.HTM
MAX19700 EV kit help file
UNINST.INI
Uninstalls the EV kit software
MAX19700 EV Kit Files
Ordering Information
Note: The MAX19700 EV kit software is provided with the
MAX19700EVKIT; however, the CMOD232 board is required to
interface the EV kit to the computer when using the included
software.


Similar Part No. - MAX19700EVCMOD2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19700 MAXIM-MAX19700 Datasheet
541Kb / 37P
10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
More results

Similar Description - MAX19700EVCMOD2

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
96kHz Sampling 20bit ADC
logo
Maxim Integrated Produc...
MAX1191 MAXIM-MAX1191 Datasheet
492Kb / 27P
Ultra-Low-Power, 7.5Msps, Dual 8-Bit ADC
Rev 1; 9/03
logo
Asahi Kasei Microsystem...
AKD4387-SB AKM-AKD4387-SB Datasheet
282Kb / 26P
192kHz sampling 24Bit DAC
logo
NXP Semiconductors
ADC1207S080 NXP-ADC1207S080 Datasheet
137Kb / 21P
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1207S080 IDT-ADC1207S080 Datasheet
532Kb / 20P
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
logo
Analog Devices
AD9163 AD-AD9163 Datasheet
2Mb / 124P
DAC update rate up to 12 GSPS
Rev. 0
AD9164 AD-AD9164 Datasheet
2Mb / 137P
DAC update rate up to 12 GSPS
Rev. A
AD9433 AD-AD9433_17 Datasheet
433Kb / 21P
IF Sampling ADC
Rev. A
logo
Maxim Integrated Produc...
MAX1213EVKIT MAXIM-MAX1213EVKIT Datasheet
562Kb / 12P
Up to 170Msps/210Msps/250Msps Sampling Rate
Rev 1; 4/05
logo
Renesas Technology Corp
ADC1207S080 RENESAS-ADC1207S080 Datasheet
536Kb / 20P
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com