Electronic Components Datasheet Search
  English  ▼

X  

MAX19700EVCMOD2 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX19700EVCMOD2
Description  ADC/DAC Sampling Rate Up to 7.5Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19700EVCMOD2 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX19700EVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MAX19700 Evaluation Kit/Evaluation System
2
_______________________________________________________________________________________
Component List
DESIGNATION
QTY
DESCRIPTION
C1–C6, C17,
C21, C23, C25,
C28, C29,
C37–C40,
C45–C48,
C73–C76, C78,
C80, C81, C84,
C85
29
0.1µF ±20%, 10V X5R ceramic
capacitors (0402)
TDK C1005X5R1A104M
C7–C10
4
22pF ±5%, 50V C0G ceramic
capacitors (0402)
TDK C1005C0G1H220J
C11, C31–C36
0
Not installed (0402)
C12
0
Not installed (0603)
C13, C14, C82
3
1000pF ±5%, 50V C0G ceramic
capacitors (0603)
TDK C1608C0G1H102J
C15, C16
2
0.47µF ±10%, 10V X5R ceramic
capacitors (0603)
TDK C1608X5R1A474K
C18, C19, C20,
C67–C72
9
1.0µF ±20%, 6.3V X5R ceramic
capacitors (0402)
TDK C1005X5R0J105M
C22, C24, C26,
C27
4
0.1µF ±20%, 6.3V X5R ceramic
capacitors (0201)
TDK C0603X5R0J104M
C30,
C41–C44,
C77, C86
7
2.2µF ±20%, 6.3V X5R ceramic
capacitors (0603)
TDK C1608X5R0J225M
C49–C60
12
220µF ±20%, 6.3V tantalum
capacitors (C-case)
AVX TPSC227M006R0250
C61–C66
6
10µF ±20%, 10V X5R ceramic
capacitors (1210)
TDK C3225X5R1A106M
C79
1
0.01µF ±5%, 25V C0G ceramic
capacitor (0603)
TDK C1608C0G1E103J
C83
1
0.47µF ±20%, 6.3V X5R ceramic
capacitor (0402)
TDK C1005X5R0J474K
DESIGNATION
QTY
DESCRIPTION
D1
1
Dual Schottky diode (SOT23)
Zetex BAS70-04
Central Semiconductor CMPD6263S
Vishay BAS70-04
Diodes INC BAS70-04
J1
1
2 x 20 right-angle female connector
J2, J3, J5, J6,
J8, J9, J10,
J12, J13
9
SMA PC mount connectors
J4, J7
2
2-pin headers
J11
1
Dual-row, 40-pin header
JU1
1
Jumper, dual-row, 6-pin header
JU2, JU3, JU5,
JU6
4
Jumpers, 3-pin headers
JU4
1
Jumper, 2-pin header
R1–R4, R55,
R56, R61
7
49.9
Ω ±1% resistors (0603)
R5–R16,
R37–R42, R64,
R65
0
Not installed (0402)
R17–R20
4
24.9
Ω ±1% resistors (0402)
R21–R24,
R25–R36,
R43–R46,
R62, R66
0
Not installed (0603)
R47–R54
8
10k
Ω ±1% resistors (0603)
R57, R58
2
4.02k
Ω ±1% resistors (0603)
R59
1
6.04k
Ω ±1% resistor (0603)
R60
1
2.0k
Ω ±1% resistor (0603)
R63
1
5k
Ω potentiometer, 19-turn, 3/8in
Vishay T93YB-5K-10-D06
RA1, RA2
2
100
Ω ±5% resistor arrays
Panasonic EXB-2HV-101J
RA3, RA4
2
51
Ω ±5% resistor arrays
Panasonic EXB-2HV-510J
RA5, RA6
2
Not installed (1206)
T1, T2
2
1:1 RF transformers
Coilcraft TTWB3010-1
TP1–TP5
5
Test points (black)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com