Electronic Components Datasheet Search
  English  ▼

X  

MAX19700EVCMOD2 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX19700EVCMOD2
Description  ADC/DAC Sampling Rate Up to 7.5Msps
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19700EVCMOD2 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX19700EVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX19700EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Quick Start
Recommended Equipment
• DC power supplies:
Analog (VDD)
+3.0V, 100mA
Clock (CVDD)
+3.0V, 100mA
Digital (OVDD)
+1.8V, 100mA
Buffers (BVCC)
+3.3V, 100mA
Op-Amp Positive (VOP)
+5.0V, 250mA
Op-Amp Negative (VON)
-5.0V, 250mA
• Signal generator with low phase noise and low jitter
for clock input signal (e.g., HP 8662A, HP 8644B)
• Two signal generators with low phase noise for ana-
log signal inputs (e.g., HP 8662A, HP 8644B)
• Logic analyzer or data-acquisition system (e.g., HP
16500C, TLA621)
• Analog bandpass filters (e.g., Allen Avionics, K&L
Microwave) for input signals and clock signal
• Two spectrum analyzers (e.g., HP 8560E)
• One 10-bit digital pattern generator (e.g., Tektronix
DG2020A)
Procedure
The MAX19700 EV kit is a fully assembled and tested
surface-mount board. Follow the steps below to verify
board operation. Do not turn on power supplies or
enable signal/data generators until all connections
are completed.
Command Module Setup
1) Set both switches at SW1 to the OFF position to dis-
able the SDA/SCL pullup resistors.
2) Place a shunt across pins 1-2 of the VDD select
jumper (command module working voltage set
to +3.3V).
MAX19700 Evaluation Kit/Evaluation System
_______________________________________________________________________________________
3
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
U1
1
Maxim MAX19700ETM (48-pin thin
QFN 7mm x 7mm)
U2
1
20-bit dual-supply bus transceiver
(56-pin TSSOP)
Texas Instruments
SN74AVCH20T245GR
U3
1
Maxim MAX9113ESA (8-pin SO)
U4, U5
2
Maxim MAX4108ESA (8-pin SO)
U6
1
Maxim MAX4478AUD (14-pin TSSOP)
DESIGNATION
QTY
DESCRIPTION
U7
1
Maxim MAX3023EUD (14-pin TSSOP)
Maxim MAX3027EUD (14-pin TSSOP)
U8
1
Dual-supply 5-bit signal translator
(14-pin DQFN)
Fairchild FXL5T244
None
8
Shunts
None
1
MAX19700 PC board
None
1
MAX19700 EV kit software (CD-ROM)
SUPPLIER
PHONE
FAX
WEBSITE
AVX
843-946-0238
843-626-3123
www.avxcorp.com
Central Semiconductor
631-435-1110
631-435-1824
www.centralsemi.com
Coilcraft
847-639-6400
847-639-1469
www.coilcraft.com
Diodes Inc.
805-446-4800
805-446-4850
www.diodes.com
Fairchild
888-522-5372
—
www.fairchildsemi.com
Panasonic
714-373-7366
714-737-7323
www.panasonic.com
TDK
847-803-6100
847-390-4405
www.component.tdk.com
Texas Instruments
972-644-5580
214-480-7800
www.ti.com
Vishay/Vitramon
203-268-6261
203-452-5670
www.vishay.com
Zetex USA
631-543-7100
631-864-7630
www.zetex.com
Component Suppliers
Note: Indicate that you are using the MAX19700 when contacting these component suppliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com