Electronic Components Datasheet Search
  English  ▼

X  

VS6624 Datasheet(PDF) 61 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 57Page - STMicroelectronics VS6624 Datasheet HTML 58Page - STMicroelectronics VS6624 Datasheet HTML 59Page - STMicroelectronics VS6624 Datasheet HTML 60Page - STMicroelectronics VS6624 Datasheet HTML 61Page - STMicroelectronics VS6624 Datasheet HTML 62Page - STMicroelectronics VS6624 Datasheet HTML 63Page - STMicroelectronics VS6624 Datasheet HTML 64Page - STMicroelectronics VS6624 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
VS6624
Register map
Rev 1
61/100
Frame dimension parameter host inputs
Static frame rate control
Table 20.
Frame dimension parameter host inputs
Index
FrameDimensionParameterHostInputs(1)
0x0c80
bLightingFrequencyHz
Default value
0x00
Purpose
AC Frequency - used for flicker free time period calculations this mains
frequency determines the flicker free time period.
Type
BYTE
0x0c82
fFlickerCompatibleFrameLength
Default value
<0> FALSE
Purpose
flicker_compatible_frame_length
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
1.
Can be controlled in all stable states
Table 21.
Static frame rate control
Index
StaticFrameRateControl(1)
0x0d81 (MSByte)
0x0d82 (LSByte)
uwDesiredFrameRate_Num
Default value
0x0f
Purpose
Numerator for the Frame Rate
Type
UINT16
0x0d84
bDesiredFrameRate_Den
Default value
0x01
Purpose
Denominator for the Frame Rate
Type
BYTE
1.
Can be controlled in all stable states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com