Electronic Components Datasheet Search
  English  ▼

X  

VS6624 Datasheet(PDF) 26 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 22Page - STMicroelectronics VS6624 Datasheet HTML 23Page - STMicroelectronics VS6624 Datasheet HTML 24Page - STMicroelectronics VS6624 Datasheet HTML 25Page - STMicroelectronics VS6624 Datasheet HTML 26Page - STMicroelectronics VS6624 Datasheet HTML 27Page - STMicroelectronics VS6624 Datasheet HTML 28Page - STMicroelectronics VS6624 Datasheet HTML 29Page - STMicroelectronics VS6624 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
Data synchronization methods
VS6624
26/100
Rev 1
8
Data synchronization methods
External capture systems can synchronize with the data output from VS6624 in one of two
ways:
1.
Synchronization codes are embedded in the output data
2.
Via the use of two additional synchronization signals: VSYNC and HSYNC
Both methods of synchronization can be programmed to meet the needs of the host system.
Embedded codes
The embedded code sequence can be inserted into the output data stream to enable the
external host system to synchronize with the output frames. The code consists of a 4-byte
sequence starting with 0xFF, 0x00, 0x00. The final byte in the sequence depends on the
mode selected.
Two types of embedded codes are supported by the VS6624: Mode 1 (ITU656) and Mode 2.
The bSyncCodeSetup register is used to select whether codes are inserted or not and to
select the type of code to insert.
When embedded codes are selected each line of data output contains 8 additional clocks: 4
before the active video data and 4 after it.
Prevention of false synchronization codes
The VS6624 is able to prevent the output of 0xFF and/or 0x00 data from being
misinterpreted by a host system as the start of synchronization data. This function is
controlled the bCodeCheckEnable register.
Mode 1 (ITU656 compatible)
The structure of an image frame with ITU656 codes is shown in
Figure 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com