Electronic Components Datasheet Search
  English  ▼

X  

VS6624 Datasheet(PDF) 93 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel Mobile Camera Module
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 89Page - STMicroelectronics VS6624 Datasheet HTML 90Page - STMicroelectronics VS6624 Datasheet HTML 91Page - STMicroelectronics VS6624 Datasheet HTML 92Page - STMicroelectronics VS6624 Datasheet HTML 93Page - STMicroelectronics VS6624 Datasheet HTML 94Page - STMicroelectronics VS6624 Datasheet HTML 95Page - STMicroelectronics VS6624 Datasheet HTML 96Page - STMicroelectronics VS6624 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 100 page
background image
VS6624
Electrical characteristics
Rev 1
93/100
13.7
Parallel data interface timing
VS6624 contains a parallel data output port (D[7:0]) and associated qualification signals
(HSYNC, VSYNC, PCLK and FSO).
This port can be enabled and disabled (tri-stated) to facilitate multiple camera systems or
bit-serial output configurations. The port is disabled (high impedance) upon reset.
Figure 35. Parallel data output video timing
tPCLKL
tPCLKH
1/fPCLK
PCLK
D[0:7]
HSYNC,
polarity = 0
tDV
Valid
VSYNC
Table 50.
Parallel data interface timings
Symbol
Description
Conditions
Min.
Typ.
Max.
Unit
fPCLK
PCLK frequency
54
MHz
tPCLKL
PCLK low width
ns
tPCLKH
PCLK high width
ns
tDV
PCLK to output valid
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com