Electronic Components Datasheet Search
  English  ▼

X  

XRT5997 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT5997
Description  Seven-Channel E1 Line Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5997 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT5997 Datasheet HTML 9Page - Exar Corporation XRT5997 Datasheet HTML 10Page - Exar Corporation XRT5997 Datasheet HTML 11Page - Exar Corporation XRT5997 Datasheet HTML 12Page - Exar Corporation XRT5997 Datasheet HTML 13Page - Exar Corporation XRT5997 Datasheet HTML 14Page - Exar Corporation XRT5997 Datasheet HTML 15Page - Exar Corporation XRT5997 Datasheet HTML 16Page - Exar Corporation XRT5997 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
XRT5997
13
Rev. 1.0.0
PIN DESCRIPTION (CONT'D)
Pin#
Symbol
Type
Description
78
TxNEG6
I
Transmitter - Negative Data Input – Channel 6:
The exact signal that should be applied to this input pin depends upon
whether the user intends to operate the “Transmit Section” (of the Channel 6)
in the “Clocked” or “Clockless” Mode.
Clocked Mode:
The Terminal Equipment should apply bit-wide NRZ pulses on this input pin,
whenever the Terminal Equipment needs to transmit a “negative-polarity”
pulse onto the line via TTIP6 and TRing6 output pins. The XRT5997
device will sample this input pin upon the falling edge of the TClk6 signal.
Clockless Mode:
The Terminal Equipment should apply RZ pulses to this input pin, anytime the
Terminal Equipment needs to transmit a “negative-polarity” pulse onto the
line via TIP6 and TRing6 output pins.
79
TxClk6
I
Transmitter Clock Input – Channel 6:
If the user operates Channel 6 (within the XRT5997 device) in the “clocked”
mode, then the “Transmit Section” of the Channel 6 will use the falling edge of
this signal to sample the data at the TxPOS6 and TxNEG6 input pins.
Note: If the user operates the Channel 6 in the “clockless” mode, then the
Terminal Equipment should not apply a clock signal to this input pin.
80
TGND6
Digital Ground. Transmitters 6.
81
TTIP6
O
Transmitter 6 Positive Bipolar Output:
Channel 6 within the XRT5997 device will use this pin, along with TRing6, to
transmit a bipolar line signal, via a 1:2 step-up transformer.
82
TVDD6
Positive Supply (+3.3V ± 5%), Transmitters 6.
83
TRing6
O
Transmitter 6 Negative Bipolar Output:
Channel 6 within the XRT5997 device will use this pin, along with TTIP6, to
transmit a bipolar line signal, via a 1:2 step-up transformer.
84
DGND
Digital Ground. Digital Circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com