Electronic Components Datasheet Search
  English  ▼

X  

XRT5997 Datasheet(PDF) 8 Page - Exar Corporation

Part # XRT5997
Description  Seven-Channel E1 Line Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5997 Datasheet(HTML) 8 Page - Exar Corporation

Back Button XRT5997 Datasheet HTML 4Page - Exar Corporation XRT5997 Datasheet HTML 5Page - Exar Corporation XRT5997 Datasheet HTML 6Page - Exar Corporation XRT5997 Datasheet HTML 7Page - Exar Corporation XRT5997 Datasheet HTML 8Page - Exar Corporation XRT5997 Datasheet HTML 9Page - Exar Corporation XRT5997 Datasheet HTML 10Page - Exar Corporation XRT5997 Datasheet HTML 11Page - Exar Corporation XRT5997 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
XRT5997
8
Rev. 1.0.0
Pin#
Symbol
Type
Description
34
RxNEG2
O
Receiver 2 Negative Data Out:
This output pin will pulse “high” whenever Channel 2, within the XRT5997
device has received a “Negative Polarity” pulse, in the incoming line signal,
at RTIP2/RRing2 inputs.
35
RxPOS2
O
Receiver 2 Positive Data Out:
This output pin will pulse “high” whenever Channel 2, within the XRT5997
device has received a “Positive Polarity” pulse, in the incoming line signal, at
RTIP2/RRing2 inputs.
36
LOS2
O
Receiver 2 Loss of Signal:
This output pin toggles “high” if Channel 2, within the XRT5997 device has
detected a “Loss of Signal” condition in the incoming line signal.
37
DVDD
-
Positive Supply (+3.3V ± 5%). Digital Circuitry.
38
DVDD
-
Positive Supply (+3.3V ± 5%). Digital Circuitry.
39
DGND
-
Digital Ground: Digital Circuitry.
40
LOS5
O
Receiver 5 Loss of Signal:
This output pin toggles “high” if Channel 5, within the XRT5997 device has
detected a “Loss of Signal” condition in the incoming line signal.
Note: 1Internally pull-up with 50K resistor
41
RxPOS5
O
Receiver 5 Positive Data Out:
This output pin will pulse “high” whenever Channel 5, within the XRT5997
device has received a “Positive Polarity” pulse, in the incoming line signal, at
RTIP5/RRing5 inputs.
42
RxNEG5
O
Receiver 5 Negative Data Out:
This output pin will pulse “high” whenever Channel 5, within the XRT5997
device has received a “Negative Polarity” pulse, in the incoming line signal,
at RTIP5/RRing5 inputs.
43
TxClk5
I
Transmitter Clock Input – Channel 5:
If the user operates Channel 5 (within the XRT5997 device) in the “clocked”
mode, then the “Transmit Section” of the Channel 5 will use the falling edge of
this signal to sample the data at the TxPOS5 and TxNEG5 input pins.
NOTE: If the user operates the Channel 5 in the “clockless” mode, then the
Terminal Equipment should not apply a clock signal to this input pin.
PIN DESCRIPTION (CONT'D)
Note: 1 Internally pull-up with 50K resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com