Electronic Components Datasheet Search
  English  ▼

X  

XRT5997 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT5997
Description  Seven-Channel E1 Line Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5997 Datasheet(HTML) 1 Page - Exar Corporation

  XRT5997 Datasheet HTML 1Page - Exar Corporation XRT5997 Datasheet HTML 2Page - Exar Corporation XRT5997 Datasheet HTML 3Page - Exar Corporation XRT5997 Datasheet HTML 4Page - Exar Corporation XRT5997 Datasheet HTML 5Page - Exar Corporation XRT5997 Datasheet HTML 6Page - Exar Corporation XRT5997 Datasheet HTML 7Page - Exar Corporation XRT5997 Datasheet HTML 8Page - Exar Corporation XRT5997 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
Rev. 1.0.0
XRT5997
Seven-Channel E1
Line Interface Unit
November 1999-2
l Generates Transmit Output Pulses that are
Compliant with the ITU-T G.703 Pulse Template
Requirement for 2.048Mbps (E1) Rates
l On-Chip Pulse Shaping for both 75
Ω and 120Ω
line drivers
l Receiver Can Either Be Transformer or
Capacitive-Coupled to the Line
l Detects and Clears LOS (Loss of Signal) Per
ITU-T G.775
l Compliant with the ITU-T G.823 Jitter Tolerance
Requirements
l Compliant with ITU G. 703 EOS Over-voltage
protection Requirement
l Logic Inputs Accept Either 3.3V or 5.0V Levels
l Operates over the Industrial Temperature Range
l Ultra Low Power Dissipation
l +3.3V Supply Operation
APPLICATIONS
l PDH Multiplexers
l SDH Multiplexers
l Digital Cross-Connect Systems
l DECT (Digital European Cordless Telephone)
Base Stations
l CSU/DSU Equipment
GENERAL DESCRIPTION
The XRT5997 is an optimized seven-channel analog
E1 line interface unit fabricated using low power 3.3V
CMOS technology. Each channel consists of both a
Transmitter and a Receiver function. The Transmitter
accepts a TTL or CMOS level signal from the Terminal
Equipment; and outputs this data to the line via bipolar
pulses that are compliant to the ITU-T G.703 pulse
template for E1. The Receiver accepts an attenuated
bipolar line signal (from the remote terminal equipment)
and outputs this data to the (near-end) terminal equip-
ment via CMOS level signals.
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
XRT5997IV
100-Lead TQFP (14 x 14 x 1.4 mm)
-40°C to +85°C
FEATURES
The Main features are as follows:
l Consists of Seven (7) Independent E1 (CEPT)
Line Interface Units (Transmitter and Receiver)
Each Receiver input can be transformer or capacitive-
coupled to the line. The Receiver input is transformer-
coupled to the line, using a 2:1 step-down transformer.
Each Transmitter is coupled to the line using a 1:2 step-
up transformer. This same configuration is applicable
for both balanced (120
Ω ) and unbalanced (75Ω )
interfaces.


Similar Part No. - XRT5997

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT59L91 EXAR-XRT59L91 Datasheet
292Kb / 28P
Single-Chip E1 Line Interface Unit
XRT59L91ID EXAR-XRT59L91ID Datasheet
292Kb / 28P
Single-Chip E1 Line Interface Unit
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
XRT59L921IB EXAR-XRT59L921IB Datasheet
770Kb / 32P
TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
More results

Similar Description - XRT5997

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT82D20 EXAR-XRT82D20 Datasheet
206Kb / 27P
SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
E1 LINE INTERFACE UNIT
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
OCTAL E1 LINE INTERFACE UNIT
logo
Exar Corporation
XRT81L27 EXAR-XRT81L27 Datasheet
374Kb / 30P
SEVEN CHANNEL E1 LINE INTERFACE UNIT WITH CLOCK RECOVERY
XRT5897 EXAR-XRT5897 Datasheet
638Kb / 21P
Seven-Channel E1 Line Interface
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
Quad E1 Line Interface Unit
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT59L921 EXAR-XRT59L921 Datasheet
770Kb / 32P
TWENTY-ONE CHANNEL E1 LINE INTERFACE UNIT
XRT82D20 EXAR-XRT82D20_06 Datasheet
411Kb / 24P
SINGLE CHANNEL E1 LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
Octal E1 Line Interface Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com