Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB4 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 31Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 32Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
INTERRUPTS
MOTOROLA
REV 2
4-5
The IRQE enable bit controls whether an active IRQF flag can generate an IRQ
interrupt sequence. This interrupt is serviced by the interrupt service routine
located at the address specified by the contents of $1FFA and $1FFB.
If IRQF is set, the only way to clear this flag is by writing a logic one to the IRQR
acknowledge bit in the ICSR. As long as the output state of the IRQF flag bit is
active the CPU will continuously re-enter the IRQ interrupt sequence until the
active state is removed or the IRQE enable bit is cleared.
Figure 4-3. External Interrupt (IRQ) Logic
4.5.2 External Interrupt IRQ2
The IRQ2/PA4 pin provides an asynchronous interrupt to the CPU. When a nega-
tive-edge is detected by the schmitt trigger input, an IRQ2 interrupt will be gener-
ated if the IRQ2E-bit in the ICSR register is set. This interrupt is serviced by the
interrupt service routine located at the address specified by the contents of $1FFA
and $1FFB. A block diagram of the IRQ2 function is shown in Figure 4-4.
IRQ
IRQ
LATCH
VDD
RST
IRQ VECTOR FETCH
IRQ STATUS/CONTROL REGISTER
EXTERNAL
INTERRUPT
REQUEST
INTERNAL DATA BUS
TO BIH & BIL
INSTRUCTION
PROCESSING
R
IRQ Level
(Mask Option)
PA0
PA1
PA2
PA3
Port A External Interrupt
(Mask Option)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com