Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB4 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
GENERAL DESCRIPTION
MOTOROLA
REV 2
1-5
frequency clock can be derived from a divided by 4 circuit. The type of oscillator is
selected by a mask option. An internal 2M
Ω resistor may be selected between
OSC1 and OSC2 by a mask option (crystal/ceramic resonator mode only).
Crystal Oscillator
The circuit in Figure 1-3(a) shows a typical oscillator circuit for an AT-cut, parallel
resonant crystal. The crystal manufacturer’s recommendations should be fol-
lowed, as the crystal parameters determine the external component values
required to provide maximum stability and reliable start-up. The load capacitance
values used in the oscillator circuit design should include all stray capacitances.
The crystal and components should be mounted as close as possible to the pins
for start-up stabilization and to minimize output distortion. An internal start-up
resistor of approximately 2 M
Ω is provided between OSC1 and OSC2 for the crys-
tal type oscillator as a mask option.
Figure 1-3. Oscillator Connections
Ceramic Resonator Oscillator
In cost-sensitive applications, a ceramic resonator can be used in place of the
crystal. The circuit in Figure 1-3(a) can be used for a ceramic resonator. The res-
onator manufacturer’s recommendations should be followed, as the resonator
parameters determine the external component values required for maximum sta-
bility and reliable starting. The load capacitance values used in the oscillator cir-
cuit design should include all stray capacitances. The ceramic resonator and
components should be mounted as close as possible to the pins for start-up stabi-
lization and to minimize output distortion. An internal start-up resistor of approxi-
mately 2 M
Ω is provided between OSC1 and OSC2 for the ceramic resonator type
oscillator as a mask option.
External Clock
An external clock from another CMOS-compatible device can be connected to the
OSC1 input, with the OSC2 input not connected, as shown in Figure 1-3(b).This
configuration is possible ONLY when the crystal/ceramic resonator mask option is
selected.
MCU
OSC1
OSC2
2M
Ω
Unconnected
External Clock
MCU
OSC1
OSC2
(a) Crystal or Ceramic Resonator Connections
(b) External Clock Source Connection
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com