Electronic Components Datasheet Search
  English  ▼

X  

68HC05JB4 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 75Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 76Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 77Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 78Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 79Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 80Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 81Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
UNIVERSAL SERIAL BUS MODULE
MC68HC05JB4
10-12
REV 2
with respect to local ground reference without damage.
10.4.2.2 Low Speed (1.5 Mbs) Driver Characteristics
The rise and fall time of the signals on this cable are greater than 75 ns to keep
RFI emissions under FCC class B limits, and less than 300 ns to limit timing
delays and signaling skews and distortions. The driver reaches the specified static
signal levels with smooth rise and fall times, and minimal reflections and ringing
when driving the cable. This driver is used only on network segments between low
speed devices and the ports to which they are connected.
Figure 10-12. Low Speed Driver Signal Waveforms
10.4.3 Receiver Characteristics
USB data transmission is done with differential signals. A differential input receiver
is used to accept the USB data signal. A differential 1 on the bus is represented by
D+ being at least 200 mV more positive than D– as seen at the receiver, and a
differential 0 is represented by D– being at least 200 mV more positive than D+ as
seen at the receiver. The signal cross over point must be between 1.3V and 2.0V.
The receiver features an input sensitivity of 200 mV when both differential data
inputs are in the range of 0.8 V to 2.5 V with respect to the local ground reference.
This is called the common mode input voltage range. Proper data reception is also
achieved when the differential data lines are outside the common mode range, as
shown in Figure 10-13. The receiver can tolerate static input voltages between
–0.5V to 3.8 V with respect to its local ground reference without damage. In
addition to the differential receiver, there is a single-ended receiver (schmitt
trigger) for each of the two data lines.
ONE BIT
TIME
(1.5 Mb/s)
SIGNAL PINS
PASS OUTPUT SPEC
LEVELS WITH MINIMAL
REFLECTIONS AND RINGING
VSE (min)
VSE (max)
VSS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com