Electronic Components Datasheet Search
  English  ▼

X  

QM28014 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QM28014
Description  MHB, GNSS, and 2.4G WiFi Antennaplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM28014 Datasheet(HTML) 1 Page - Qorvo, Inc

  QM28014 Datasheet HTML 1Page - Qorvo, Inc QM28014 Datasheet HTML 2Page - Qorvo, Inc QM28014 Datasheet HTML 3Page - Qorvo, Inc QM28014 Datasheet HTML 4Page - Qorvo, Inc QM28014 Datasheet HTML 5Page - Qorvo, Inc QM28014 Datasheet HTML 6Page - Qorvo, Inc QM28014 Datasheet HTML 7Page - Qorvo, Inc QM28014 Datasheet HTML 8Page - Qorvo, Inc QM28014 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
QM28014
MHB, GNSS, and 2.4G WiFi Antennaplexer
ADVANCE
D
QM28014 Preliminary Data Sheet rev G
Subject to change without notice
1 of 21
www.qorvo.com
ADVANCED
Product Overview
The QM28014 is part of Qorvo’s family of antennaplexers using
patented technology to meet the high performance expectations
of insertion loss and rejection for Cellular, GNSS, and WLAN
systems under all operating conditions
The QM28014 is a compact filter module designed to meet the
strict requirements of out of band attenutation while optimizing
for insertion loss of MHB Cellular, GNSS, and 2.4G WLAN from
1427 MHz – 2690 MHz, 1559.05 MHz – 1605.89 MHz, and 2403
MHz – 2481 MHz respectively.
The QM28014 uses common module packaging techniques to
achieve a compact 2.0 mm x 1.6 mm footprint.
Functional Block Diagram
Top View
9 Pin 2.0mm x 1.6mm x 0.6mm leadless SMT package
Key Features
• Compact Form-Factor: 2.0 mm x 1.6 mm
• Highly selective filters achieving low insertion loss and high
attenuation over full bandwidth
• Single antenna port, antennaplexing
• RoHS Compliant, Pb-Free Module Package
Applications
• For cellular handsets with MHB (including NR), GNSS, and
2.4GHz WLAN
Ordering Information
Part Number
Description
QM28014EVB
Evaluation Board (EVB)
QM28014SB
Sample bag of 5 pieces
QM28014SR
Sample reel of 100 pieces
QM28014TR13
13 inch reel of 10k pieces


Similar Part No. - QM28014

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QM28011 QORVO-QM28011 Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
QM28011EVB QORVO-QM28011EVB Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
QM28011SB QORVO-QM28011SB Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
QM28011SR QORVO-QM28011SR Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
QM28011TR13 QORVO-QM28011TR13 Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
More results

Similar Description - QM28014

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3095 PULSE-W3095 Datasheet
1Mb / 16P
GNSS-DUAL WIFI-DSRC ANT
logo
Qorvo, Inc
QM28017 QORVO-QM28017 Datasheet
2Mb / 21P
GNSS, MHB and UHB/5G WiFi Antennaplexer
QM28012 QORVO-QM28012 Datasheet
1Mb / 23P
L5 GPS-LMB/GNSS/2.4GHz WiFi/5GHz WiFi 6E Antennaplexer
QM28011 QORVO-QM28011 Datasheet
1Mb / 20P
MHB, 2.4G Wi-Fi, and UHB/5G Wi-Fi 6E Antenna Triplexer
QM28007 QORVO-QM28007 Datasheet
1Mb / 18P
GNSS, 2.4G WiFi, and 5G WiFi6E Antennaplexer
QM28005 QORVO-QM28005 Datasheet
1Mb / 23P
L5 GPS, GNSS, 2.4G WiFi, and 5G WiFi6E Antennaplexer
QM22450 QORVO-QM22450 Datasheet
1Mb / 14P
2.4G and 5G WiFi6E Antennaplexer
logo
Molex Electronics Ltd.
2030070001 MOLEX-2030070001 Datasheet
302Kb / 5P
GNSS/Wifi Combo Ceramic Antenna
2017/09/11
logo
Maxtena Inc.
NETZ5IN1 MAXTENA-NETZ5IN1 Datasheet
2Mb / 5P
LTE-MIMO/WIFI-MIMO/GNSS
REV A
logo
PCTEL, Inc.
GLHPDLTEMIMO-LT PCTEL-GLHPDLTEMIMO-LT Datasheet
472Kb / 5P
Combination Antenna - GNSS, 5G Cellular and WiFi
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com