Electronic Components Datasheet Search
  English  ▼

X  

QM28014 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QM28014
Description  MHB, GNSS, and 2.4G WiFi Antennaplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM28014 Datasheet(HTML) 3 Page - Qorvo, Inc

  QM28014 Datasheet HTML 1Page - Qorvo, Inc QM28014 Datasheet HTML 2Page - Qorvo, Inc QM28014 Datasheet HTML 3Page - Qorvo, Inc QM28014 Datasheet HTML 4Page - Qorvo, Inc QM28014 Datasheet HTML 5Page - Qorvo, Inc QM28014 Datasheet HTML 6Page - Qorvo, Inc QM28014 Datasheet HTML 7Page - Qorvo, Inc QM28014 Datasheet HTML 8Page - Qorvo, Inc QM28014 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
QM28014
MHB, GNSS, and 2.4G WiFi Antennaplexer
QM28014 Preliminary Data Sheet rev G
Subject to change without notice
3 of 21
www.qorvo.com
Electrical Specifications(1) MHB - Antenna
Parameter
Conditions
Min.
Typ.
Max.
Units
Insertion Loss
1427 MHz – 1518 MHz
-
1.2(2)
1.7
dB
1710 MHz – 2200 MHz
-
1.1(2)
1.4
2300 MHz – 2370 MHz
-
1.2(2)
1.8
2370 MHz – 2390 MHz
-
1.7(2)
4(3)
2390 MHz – 2400 MHz
-
6.4(2)
12(3)(4)
2496 MHz – 2500 MHz
-
2.2(2)
4(5)
2500 MHz – 2505 MHz
-
1.7(2)
2.8(5)
2505 MHz – 2690 MHz
-
1.0(2)
2.4
VSWR (MHB)
1427 MHz – 1518 MHz
-
1.4:1
2.0:1
-
1710 MHz – 2200 MHz
-
1.4:1
2.0:1
2300 MHz – 2370 MHz
-
1.3:1
2.0:1
2370 MHz – 2390 MHz
-
1.8:1
2.0:1
2390 MHz – 2400 MHz
-
4.5:1
5.3:1
2496 MHz – 2690 MHz
-
2.1:1
4.8:1
VSWR (ANT)
1427 MHz – 1518 MHz
-
1.5:1
2.0:1
-
1710 MHz – 2200 MHz
-
1.3:1
2.0:1
2300 MHz – 2370 MHz
-
1.3:1
2.0:1
2370 MHz – 2390 MHz
-
1.3:1
2.0:1
2390 MHz – 2400 MHz
-
1.5:1
2.0:1
2496 MHz – 2690 MHz
-
1.5:1
3.0:1
Attenuation
1559 MHz – 1606 MHz
10
15
-
dB
2403 MHz – 2481 MHz(6)
13
17
-
Notes:
1. All specifications are based on the applications circuit and Min/Max is specified over -30˚C to +85˚C unless otherwise noted.
2. Typical specified as average at room temperature
3. Specified from -30˚C to +25˚C
4. Integrated over any 5MHz bandwidth
5. Specified from +25˚C to +85˚C
6. Integrated over each 18MHz WiFi Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com