Electronic Components Datasheet Search
  English  ▼

X  

QM28014 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QM28014
Description  MHB, GNSS, and 2.4G WiFi Antennaplexer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM28014 Datasheet(HTML) 4 Page - Qorvo, Inc

  QM28014 Datasheet HTML 1Page - Qorvo, Inc QM28014 Datasheet HTML 2Page - Qorvo, Inc QM28014 Datasheet HTML 3Page - Qorvo, Inc QM28014 Datasheet HTML 4Page - Qorvo, Inc QM28014 Datasheet HTML 5Page - Qorvo, Inc QM28014 Datasheet HTML 6Page - Qorvo, Inc QM28014 Datasheet HTML 7Page - Qorvo, Inc QM28014 Datasheet HTML 8Page - Qorvo, Inc QM28014 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
QM28014
MHB, GNSS, and 2.4G WiFi Antennaplexer
QM28014 Preliminary Data Sheet rev G
Subject to change without notice
4 of 21
www.qorvo.com
Electrical Specifications(1) L1 GNSS - Antenna
Parameter
Conditions
Min.
Typ.
Max.
Units
Insertion Loss
1559.05 MHz – 1563.15 MHz
-
1.4(2)
2.2
dB
1574.39 MHz – 1576.45 MHz
-
0.8(2)
1.1
1597.55 MHz – 1605.89 MHz
-
1.1(2)
1.6
VSWR (GNSS)
1559.05 MHz – 1563.15 MHz
-
1.2:1
2.0:1
-
1574.39 MHz – 1576.45 MHz
-
1.1:1
2.0:1
1597.55 MHz – 1605.89 MHz
-
1.4:1
2.0:1
VSWR (ANT)
1559.05 MHz – 1563.15 MHz
-
1.1:1
2.0:1
1574.39 MHz – 1576.45 MHz
-
1.1:1
2.0:1
1597.55 MHz – 1605.89 MHz
-
1.3:1
2.0:1
Attenuation
10 MHz – 960 MHz
48
49
-
dB
777 MHz – 787 MHz
48
49
-
1427.9 MHz – 1462.9 MHz
47
57
-
1640 MHz – 1695 MHz
49
55
-
1695 MHz – 1710 MHz
48
54
-
1710 MHz – 1785 MHz
46
52
-
1786 MHz – 1797 MHz
46
52
-
1850 MHz – 1910 MHz
46
52
-
1910 MHz – 1980 MHz
46
52
-
2010 MHz – 2025 MHz
46
54
-
2305 MHz – 2315 MHz
49
52
-
2403 MHz – 2481 MHz(3)
45
55
-
2500 MHz – 2570 MHz
46
49
-
2570 MHz – 2690 MHz
43
45
-
3400 MHz – 3600 MHz
32
33
-
4400 MHz – 4900 MHz
30
32
-
5150 MHz – 5925 MHz
10
24
-
Notes:
1. All specifications are based on the applications circuit and Min/Max is specified over -30˚C to +85˚C unless otherwise noted.
2. Typical specified as average at room temperature
3. Integrated over each 18MHz WiFi channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com