Electronic Components Datasheet Search
  English  ▼

X  

LTC1968 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1968 Datasheet HTML 8Page - Linear Technology LTC1968 Datasheet HTML 9Page - Linear Technology LTC1968 Datasheet HTML 10Page - Linear Technology LTC1968 Datasheet HTML 11Page - Linear Technology LTC1968 Datasheet HTML 12Page - Linear Technology LTC1968 Datasheet HTML 13Page - Linear Technology LTC1968 Datasheet HTML 14Page - Linear Technology LTC1968 Datasheet HTML 15Page - Linear Technology LTC1968 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
LTC1968
1968f
Input Connections
The LTC1968 input is differential and DC coupled. The
LTC1968 responds to the RMS value of the differential
voltage between Pin 2 and Pin 3, including the DC portion
of that difference. However, there is no DC-coupled path
from the inputs to ground. Therefore, at least one of the two
inputs must be connected with a DC-return path to ground.
Both inputs must be connected to something. If either
input is left floating, a zero volt output will result.
For single-ended DC-coupled applications, simply con-
nect one of the two inputs (they are interchangeable) to
the signal, and the other to ground. This will work well for
dual supply configurations, but for single supply con-
figurations it will only work well for unipolar input sig-
nals. The LTC1968 input voltage range is from rail-to-rail,
and when the input is driven above V+ or below GND the
gain and offset errors will increase substantially after just
a few hundred millivolts of overdrive. Fortunately, most
single supply circuits measuring a DC-coupled RMS
value will include some reference voltage other than
ground, and the second LTC1968 input can be connected
to that point.
For single-ended AC-coupled applications, Figure 9 shows
three alternate topologies. The first one, shown in Figure
9a uses a coupling capacitor to one input while the other
is grounded. This will remove the DC voltage difference from
the input to the LTC1968, and it will therefore not be part
of the resulting output voltage. Again, this connection will
APPLICATIO S I FOR ATIO
work well with dual supply configurations, but in single
supply configurations it will be necessary to raise the volt-
age on the grounded input to assure that the signal at the
active input stays within the range of 0V to V+. If there is
already a suitable voltage reference available, connect the
second input to that point. If not, a midsupply voltage can
be created with two resistors as shown in Figure 9b.
Finally, if the input voltage is known to be between 0V and
V+, it can be AC coupled by using the configuration shown
in Figure 9c. Whereas the DC return path was provided
through Pin 3 in Figures 9a and 9b, in this case, the return
path is provided on Pin 2, through the input signal volt-
ages. The switched capacitor action between the two input
pins of the LTC1968 will cause the voltage on the coupling
capacitor connected to the second input to follow the DC
average of the input voltage.
For differential input applications, connect the two inputs to
the differential signal. If AC coupling is desired, one of the
two inputs can be connected through a series capacitor.
In all of these connections, to choose the input coupling
capacitor, CC, calculate the low frequency coupling time
constant desired, and divide by the LTC1968 differential
input impedance. Because the LTC1968 input impedance
is about 100 times its output impedance, this capacitor is
typically much smaller than the output averaging capaci-
tor. Its requirements are also much less stringent, and a
ceramic chip capacitor will usually suffice.
Figure 9. Single-Ended AC-Coupled Input Connection Alternatives
+
–
LTC1968
GND
V+
V+
V+
V–
(9a)
CC
IN1
VIN
IN2
2
3
LTC1968
(9b)
CC
R1
10k
R2
10k
0.1µF
IN1
VIN
V+
IN2
2
3
LTC1968
(9c)
CC
IN1
VIN
1968 F09
VDC
IN2
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com