Electronic Components Datasheet Search
  English  ▼

X  

LTC1968 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1968 Datasheet HTML 13Page - Linear Technology LTC1968 Datasheet HTML 14Page - Linear Technology LTC1968 Datasheet HTML 15Page - Linear Technology LTC1968 Datasheet HTML 16Page - Linear Technology LTC1968 Datasheet HTML 17Page - Linear Technology LTC1968 Datasheet HTML 18Page - Linear Technology LTC1968 Datasheet HTML 19Page - Linear Technology LTC1968 Datasheet HTML 20Page - Linear Technology LTC1968 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LTC1968
1968f
APPLICATIO S I FOR ATIO
Figures 18 and 19 show the settling time versus settling
accuracy for the Buffered and DC accurate post filters,
respectively. The different curves represent different
scalings of the filters, as indicated by the CAVE value. These
are comparable to the curves in Figure 11 (single capacitor
case), with somewhat less settling time for the buffered
post filter, and somewhat more settling time for the
DC-accurate post filter. These differences are due to the
change in overall bandwidth as mentioned earlier.
Although the settling times for the post-filtered configura-
tions shown on Figures 18 and 19 are not that much
different from those with a single capacitor, the point of
using a post filter is that the settling times are far better for
a given level peak error. The filters dramatically reduce the
low frequency averaging ripple with far less impact on
settling time.
Crest Factor and AC + DC Waveforms
In the preceding discussion, the waveform was assumed
to be AC coupled, with a modest crest factor. Both
assumptions ease the requirements for the averaging
capacitor. With an AC-coupled sine wave, the calculation
engine squares the input, so the averaging filter that
follows is required to filter twice the input frequency,
making its job easier. But with a sinewave that includes
DC offset, the square of the input has frequency content
at the input frequency and the filter must average out that
lower frequency. So with AC + DC waveforms, the re-
quired value for CAVE should be based on half of the lowest
input frequency, using the same design curves presented
in Figures 6, 8, 16 and 17.
Figure 17. Peak Error vs Input Frequency with DC-Accurate Post Filter
Figure 16. Peak Error vs Input Frequency with Buffered Post Filter
INPUT FREQUENCY (Hz)
1
–1.2
–1.0
–0.8
–0.6
–0.4
10
100
1000
1968 F08
–1.4
–1.6
–1.8
–2.0
–0.2
0
C = 22µF
C = 100µF
C = 47µF
C = 10µF
C = 4.7µF
C = 2.2µF
C = 0.47µF
C = 0.22µF
C = 0.1µF
C =1µF
INPUT FREQUENCY (Hz)
1
–1.2
–1.0
–0.8
–0.6
–0.4
10
100
1000
1968 F08
–1.4
–1.6
–1.8
–2.0
–0.2
0
C = 22µF
C = 47µF
C = 10µF
C = 4.7µF
C = 2.2µF
C = 0.47µF
C = 0.22µF
C = 0.1µF
C = 0.047µF
C =1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com