Electronic Components Datasheet Search
  English  ▼

X  

LTC1968 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1968
Description  Precision Wide Bandwidth, RMS-to-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1968 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1968 Datasheet HTML 15Page - Linear Technology LTC1968 Datasheet HTML 16Page - Linear Technology LTC1968 Datasheet HTML 17Page - Linear Technology LTC1968 Datasheet HTML 18Page - Linear Technology LTC1968 Datasheet HTML 19Page - Linear Technology LTC1968 Datasheet HTML 20Page - Linear Technology LTC1968 Datasheet HTML 21Page - Linear Technology LTC1968 Datasheet HTML 22Page - Linear Technology LTC1968 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LTC1968
1968f
waveform dynamics and the type of filtering used. The
above method is conservative for some cases and about
right for others.
The LTC1968 works well with signals whose crest factor
is 4 or less. At higher crest factors, the internal ∆Σ
modulator will saturate, and results will vary depending on
the exact frequency, shape and (to a lesser extent) ampli-
tude of the input waveform. The output voltage could be
higher or lower than the actual RMS of the input signal.
The ∆Σ modulator may also saturate when signals with
crest factors less than 4 are used with insufficient averag-
ing. This will only occur when the output droops to less
than 1/4 of the input voltage peak. For instance, a DC-
coupled pulse train with a crest factor of 4 has a duty cycle
of 6.25% and a 1VPEAK input is 250mVRMS. If this input is
50Hz, repeating every 20ms, and CAVE = 10µF, the output
will droop during the inactive 93.75% of the waveform.
This droop is calculated as:
V
V
e
MIN
RMS
INACTIVE TIME
=
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟
−
⎛
⎝
⎜
⎞
⎠
⎟
2
1–
2 • Z
• C
OUT
AVE
For the LTC1968, whose output impedance (ZOUT) is
12.5kΩ, this droop works out to – 3.6%, so the output
would be reduced to 241mV at the end of the inactive
portion of the input. When the input signal again climbs to
1VPEAK, the peak/output ratio is 4.15.
With CAVE = 100µF, the droop is only –0.37% to 249.1mV
and the peak/output ratio is just 4.015, which the LTC1968
has enough margin to handle without error.
For crest factors less than 3.5, the selection of CAVE as
previously described should be sufficient to avoid this
droop and modulator saturation effect. But with crest
factors above 3.5, the droop should also be checked for
each design.
Error Analyses
Once the RMS-to-DC conversion circuit is working, it is
time to take a step back and do an analysis of the accuracy
of that conversion. The LTC1968 specifications include
three basic static error terms, VOOS, VIOS and GAIN. The
output offset is an error that simply adds to (or subtracts
APPLICATIO S I FOR ATIO
from) the voltage at the output. The conversion gain of the
LTC1968 is nominally 1.000 VDCOUT/VRMSIN and the gain
error reflects the extent to which this conversion gain is
not perfectly unity. Both of these affect the results in a
fairly obvious way.
Input offset on the other hand, despite its conceptual
simplicity, effects the output in a nonobvious way. As its
name implies, it is a constant error voltage that adds
directly with the input. And it is the sum of the input and
VIOS that is RMS converted.
This means that the effect of VIOS is warped by the
nonlinear RMS conversion. With 0.4mV (typ) VIOS, and a
200mVRMS AC input, the RMS calculation will add the DC
and AC terms in an RMS fashion and the effect is
negligible:
VOUT = √(200mV AC)2 + (0.4mV DC)2
= 200.0004mV
= 200mV + 2ppm
But with 10× less AC input, the error caused by VIOS is
100× larger:
VOUT = √(20mV AC)2 + (0.4mV DC)2
= 20.004mV
= 20mV + 200ppm
This phenomena, although small, is one source of the
LTC1968’s residual nonlinearity.
On the other hand, if the input is DC coupled, the input
offset voltage adds directly. With +200mV and a +0.4mV
VIOS, a 200.4mV output will result, an error of 0.2% or
2000ppm. With DC inputs, the error caused by VIOS can be
positive or negative depending if the two have the same or
opposing polarity.
The total conversion error with a sine wave input using the
typical values of the LTC1968 static errors is computed as
follows:
VOUT = (√(500mV AC)2 + (0.4mV DC)2) • 1.001 + 0.2mV
= 500.700mV
= 500mV + 0.140%
VOUT = (√(50mV AC)2 + (0.4mV DC)2) • 1.001 + 0.2mV
= 50.252mV
= 50mV + 0.503%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com