Electronic Components Datasheet Search
  English  ▼

X  

THS1007IDAR Datasheet(PDF) 18 Page - Texas Instruments

Part # THS1007IDAR
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007IDAR Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS1007IDAR Datasheet HTML 14Page - Texas Instruments THS1007IDAR Datasheet HTML 15Page - Texas Instruments THS1007IDAR Datasheet HTML 16Page - Texas Instruments THS1007IDAR Datasheet HTML 17Page - Texas Instruments THS1007IDAR Datasheet HTML 18Page - Texas Instruments THS1007IDAR Datasheet HTML 19Page - Texas Instruments THS1007IDAR Datasheet HTML 20Page - Texas Instruments THS1007IDAR Datasheet HTML 21Page - Texas Instruments THS1007IDAR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
18
Figure 31 shows the conversion timing when four analog input channels are selected. The maximum throughput
rate per channel is 1.5 MSPS in this mode. The data flow in the bottom of the figure shows in which order the
converted data is available to the databus. The SYNC signal is active low when the data of channel one is
available to the data bus. The data of channel one is followed by the data of channel two, the data of channel
three and the data of channel four before channel one is again available to the databus and SYNC is active low.
Sample N
Channel 1, 2, 3, 4
Sample N+1
Channel 1, 2, 3, 4
Data N–1
Channel 4
Data N
Channel 1
Data N
Channel 2
Data N
Channel 3
Data N–1
Channel 1
Data N–1
Channel 2
Data N–1
Channel 3
AIN
CONV_CLK
READ†
†READ is the logical combination from CS0, CS1 and RD
SYNC
td(A)
td(pipe)
tw(CONV_CLKH)
tw(CONV_CLKL)
tc
tsu(CONV_CLKL-READL)
tsu(READH-CONV_CLKL)
tsu(CONV_CLKL-SYNCH)
tsu(CONV_CLKL-SYNCL)
Figure 31. Timing of Continuous Conversion Mode (4-channel operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com