Electronic Components Datasheet Search
  English  ▼

X  

THS1007IDAR Datasheet(PDF) 24 Page - Texas Instruments

Part # THS1007IDAR
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007IDAR Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS1007IDAR Datasheet HTML 20Page - Texas Instruments THS1007IDAR Datasheet HTML 21Page - Texas Instruments THS1007IDAR Datasheet HTML 22Page - Texas Instruments THS1007IDAR Datasheet HTML 23Page - Texas Instruments THS1007IDAR Datasheet HTML 24Page - Texas Instruments THS1007IDAR Datasheet HTML 25Page - Texas Instruments THS1007IDAR Datasheet HTML 26Page - Texas Instruments THS1007IDAR Datasheet HTML 27Page - Texas Instruments THS1007IDAR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
24
Test Mode
The test mode of the ADC is selected via bit 8 and bit 9 of control register 0. The different selections are shown
in Table 10.
Table 10. Test Mode
BIT 9
TEST1
BIT 8
TEST0
OUTPUT RESULT
0
0
Normal mode
0
1
VREFP
1
0
((VREFM)+(VREFP))/2
1
1
VREFM
Three different options can be selected. This feature allows support testing of hardware connections between
the ADC and the processor.
Control Register 1, Write Only (see Table 7)
BIT 11
BIT10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0
1
RESERVED
OFFSET
BIN/2s
R/W
RES
RES
RES
RES
SRST
RESET
Table 11. Control Register 1 Bit Functions
BITS
RESET
VALUE
NAME
FUNCTION
0
0
RESET
Reset
Writing a 1 into this bit resets the device and sets the control register 0 and control register 1 to the reset values.
To bring the device out of RESET, a 0 has to be written into this bit.
1
0
SRST
Writing a 1 into this bit resets the sync generator. When running in multichannel mode, this must be set during the
configuration cycle.
2, 3
0,0
RES
Reserved
4
1
RES
Reserved
5
1
RES
Reserved
6
0
R/W
R/W, RD/WR selection
Bit 6 of control register 1 controls the function of the inputs RD and WR. When bit 6 in control register 1 is set to
1, WR becomes a R/W input and RD is disabled. From now on a read is signalled with R/W high and a write with
R/W as a low signal. If bit 6 in control register 1 is set to 0, the input RD becomes a read input and the input WR
becomes a write input.
7
0
BIN/2s
Complement select
If bit 7 of control register 1 is set to 0, the output value of the ADC is in twos complement. If bit 7 of
control register 1 is set to 1, the output value of the ADC is in binary format. Refer to Table 2 through Table 5.
8
0
OFFSET
Offset cancellation mode
Bit 8 = 0
→ normal conversion mode
Bit 8 = 1
→ offset calibration mode
If a 1 is written into bit 8 of control register 1, the device internally sets the inputs to zero and does a conver-
sion. The conversion result is stored in an offset register and subtracted from all conversions in order to
reduce the offset error.
9
0
RESERVED
Always write 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com