Electronic Components Datasheet Search
  English  ▼

X  

THS1007IDAR Datasheet(PDF) 23 Page - Texas Instruments

Part # THS1007IDAR
Description  10-BIT, 4 ANALOG INPUT, 6-MSPS, SIMULATANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1007IDAR Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS1007IDAR Datasheet HTML 19Page - Texas Instruments THS1007IDAR Datasheet HTML 20Page - Texas Instruments THS1007IDAR Datasheet HTML 21Page - Texas Instruments THS1007IDAR Datasheet HTML 22Page - Texas Instruments THS1007IDAR Datasheet HTML 23Page - Texas Instruments THS1007IDAR Datasheet HTML 24Page - Texas Instruments THS1007IDAR Datasheet HTML 25Page - Texas Instruments THS1007IDAR Datasheet HTML 26Page - Texas Instruments THS1007IDAR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
THS1007
SLAS286A – AUGUST 2000– REVISED DECEMBER 2002
www.ti.com
23
ANALOG INPUT CHANNEL SELECTION
The analog input channels of the THS1007 can be selected via bits 3 to 7 of control register 0. One single
channel (single-ended or differential) is selected via bit 3 and bit 4 of control register 0. Bit 5 controls the
selection between single-ended and differential configuration. Bit 6 and bit 7 select the autoscan mode, if more
than one input channel is selected. Table 10 shows the possible selections.
Table 9. Analog Input Channel Configurations
BIT 7
SCAN
BIT 6
DIFF1
BIT 5
DIFF0
BIT 4
CHSEL1
BIT 3
CHSEL0
DESCRIPTION OF THE SELECTED INPUTS
0
0
0
0
0
Analog input AINP (single ended)
0
0
0
0
1
Analog input AINM (single ended)
0
0
0
1
0
Analog input BINP (single ended)
0
0
0
1
1
Analog input BINM (single ended)
0
0
1
0
0
Differential channel (AINP–AINM)
0
0
1
0
1
Differential channel (BINP–BINM)
1
0
0
0
1
Autoscan two single ended channels: AINP, AINM, AINP,
…
1
0
0
1
0
Autoscan three single ended channels: AINP, AINM, BINP, AINP,
…
1
0
0
1
1
Autoscan four single ended channels: AINP, AINM, BINP, BINM, AINP,
…
1
0
1
0
1
Autoscan one differential channel and one single ended channel AINP,
(BINP–BINM), AINP, (BINP–BINM),
…
1
0
1
1
0
Autoscan one differential channel and two single ended channel AINP,
AINM, (BINP–BINM), AINP,
…
1
1
0
0
1
Autoscan two differential channels (AINP–AINM), (BINP–BINM),
(AINP–AINM),
…
0
0
1
1
0
Reserved
0
0
1
1
1
Reserved
1
0
0
0
0
Reserved
1
0
1
0
0
Reserved
1
0
1
1
1
Reserved
1
1
0
0
0
Reserved
1
1
0
1
0
Reserved
1
1
0
1
1
Reserved
1
1
1
0
0
Reserved
1
1
1
0
1
Reserved
1
1
1
1
0
Reserved
1
1
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com