Electronic Components Datasheet Search
  English  ▼

X  

DG528 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG528
Description  Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG528 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG528 Datasheet HTML 2Page - Vishay Siliconix DG528 Datasheet HTML 3Page - Vishay Siliconix DG528 Datasheet HTML 4Page - Vishay Siliconix DG528 Datasheet HTML 5Page - Vishay Siliconix DG528 Datasheet HTML 6Page - Vishay Siliconix DG528 Datasheet HTML 7Page - Vishay Siliconix DG528 Datasheet HTML 8Page - Vishay Siliconix DG528 Datasheet HTML 9Page - Vishay Siliconix DG528 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DG528/529
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-8
Document Number: 70068
P-32167—Rev. C, 15-Nov-93
TEST CIRCUITS
FIGURE 8. Reset Turn-Off Time tOFF(RS)
3 V
0 V
0 V
50%
DG528
DG529
RS
Switch
Output
VO
80%
tOFF(RS)
RS
VO
EN
Remaining
Switches
WR
S1 or S1b
Db, D
A0, A1, (A2)
300 W
V+
GND
V–
+5 V
35 pF
–15 V
+15 V
+2.4 V
Data Bus
RESET
Address
Decoder
Address
Bus
+5 V
EN
V+
V–
D
+15 V
– 15 V
DG528
Processor
System
Bus
"15 V
Analog
Inputs
Analog
Output
WR
RS
S1
S8
A0, A1, A2 ,
WRITE
FIGURE 9. Bus Interface



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com