Electronic Components Datasheet Search
  English  ▼

X  

DG528 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG528
Description  Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG528 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG528 Datasheet HTML 1Page - Vishay Siliconix DG528 Datasheet HTML 2Page - Vishay Siliconix DG528 Datasheet HTML 3Page - Vishay Siliconix DG528 Datasheet HTML 4Page - Vishay Siliconix DG528 Datasheet HTML 5Page - Vishay Siliconix DG528 Datasheet HTML 6Page - Vishay Siliconix DG528 Datasheet HTML 7Page - Vishay Siliconix DG528 Datasheet HTML 8Page - Vishay Siliconix DG528 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DG528/529
Vishay Siliconix
Document Number: 70068
P-32167—Rev. C, 15-Nov-93
www.vishay.com
S FaxBack 408-970-5600
5-1
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
FEATURES
BENEFITS
APPLICATIONS
D Low rDS(on): 270 W
D 44-V Power Supply Rating
D On-Board Address Latches
D Break-Before-Make
D Low Leakage—ID(on): 30 pA
D Improved System Accuracy
D Microporcessor Bus Compatible
D Easily Interfaced
D Reduced Crosstalk
D Data Acquisition Systems
D Automatic Test Equipment
D Avionics and Military Systems
D Medical Instrumentation
DESCRIPTION
The DG528 is an 8-channel single-ended analog multiplexer
designed to connect one of eight inputs to a common output as
determined by a 3-bit binary address (A0, A1, A2). DG529, a
4-channel dual analog multiplexer, is designed to connect one
of four differential inputs to a common differential output as
determined by its 2-bit binary address (A0, A1) logic.
These analog multiplexers have on-chip address and control
latches
to
simplify
design
in
microprocessor
based
applications. Break-before-make switching action protects
against momentary shorting of the input signals. The
DG528/529 are built on the improved PLUS-40 CMOS
process. A buried layer prevents latchup.
The on chip TTL-compatible address latches simplify digital
interface design and reduce board space in data acquisition
systems, process controls, avionics, and ATE.
FUNCTIONAL BLOCK DIAGRAMS AND PIN CONFIGURATIONS
WR
D
RS
S8
A0
A1
EN
A2
V–
GND
S1
V+
S2
S5
S3
S6
S4
S7
Dual-In-Line
Decoders/Drivers
1
2
3
4
5
6
7
8
18
17
16
15
14
13
12
11
Top View
910
Latches
EN
A2
V–
GND
S1
V+
S2
S5
S3
S6
PLCC
14
15
16
17
18
8
7
6
5
4
1
2
319
20
11
10
913
12
Top View
Latches
Decoders/Drivers
WR
Da
RS
Db
A0
A1
EN
GND
V–
V+
S1a
S1b
S2a
S2b
S3a
S3b
S4a
S4b
Dual-In-Line
Decoders/Drivers
1
2
3
4
5
6
7
8
18
17
16
15
14
13
12
11
Top View
910
Latches
DG528
DG528
DG529


Similar Part No. - DG528

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG528 INTERSIL-DG528 Datasheet
308Kb / 16P
Analog CMOS Latchable Multiplexers
April 1999
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
176Kb / 12P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG528 VISHAY-DG528 Datasheet
170Kb / 11P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
logo
Maxim Integrated Produc...
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
Intersil Corporation
DG528AK INTERSIL-DG528AK Datasheet
308Kb / 16P
Analog CMOS Latchable Multiplexers
April 1999
More results

Similar Description - DG528

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
06-Sep-99
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
21-Feb-00
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
11-Jun-07
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com