Electronic Components Datasheet Search
  English  ▼

X  

DG528 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG528
Description  Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG528 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG528 Datasheet HTML 1Page - Vishay Siliconix DG528 Datasheet HTML 2Page - Vishay Siliconix DG528 Datasheet HTML 3Page - Vishay Siliconix DG528 Datasheet HTML 4Page - Vishay Siliconix DG528 Datasheet HTML 5Page - Vishay Siliconix DG528 Datasheet HTML 6Page - Vishay Siliconix DG528 Datasheet HTML 7Page - Vishay Siliconix DG528 Datasheet HTML 8Page - Vishay Siliconix DG528 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DG528/529
Vishay Siliconix
Document Number: 70068
P-32167—Rev. C, 15-Nov-93
www.vishay.com
S FaxBack 408-970-5600
5-3
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V– = –15 V, WR = 0
A Suffix
–55 to 125
_C
B, C, D
Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V, WR = 0
RS = 2.4 V, VIN = 2.4 V, 0.8 mFf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
–15
15
–15
15
V
Drain-Source
On-Resistance
rDS(on)
VD = 10 V, IS = –200 mA
Room
Full
270
400
500
450
550
W
Greatest Change in rDS(on)
Between Channelsf
DrDS(on)
–10 V < VS < 10 V
Room
6
%
Source Off
Leakage Current
IS(off)
VEN = 0 V, VS = "10 V
VD = #10 V
Room
Full
"0.005
–1
–50
1
50
–5
–50
5
50
A
Drain Off
Lk
C
t
ID(off)
VEN = 0 V
VD = "10 V
DG528
Room
Full
"0.015
–10
–200
10
200
–20
–200
20
200
A
Leakage Current
ID(off)
VD = "10 V
VS = #10 V
DG529
Room
Full
"0.008
–10
–100
10
100
–20
–100
20
100
nA
Drain On
Lk
C
t
ID(on)
VS = VD = 10 V
V2 4 V
DG528
Room
Full
"0.03
–10
–200
10
200
–20
–200
20
200
Leakage Current
ID(on)
SD
VEN = 2.4 V
DG529
Room
Full
"0.015
–10
–100
10
100
–20
–100
20
100
Digital Control
Logic Input Current
IAH
VA = 2.4 V
Room
Hot
–0.002
–10
–30
–10
–30
A
Input Voltage High
IAH
VA = 15 V
Room
Hot
0.006
10
30
10
30
mA
Logic Input Current
Input Voltage Low
IAL
VEN = 0 V, 2.4 V, VA = 0 V
RS = 0 V, WR = 0 V
Room
Hot
–0.002
–10
–30
–10
–30
Dynamic Characteristics
Transition Time
tTRANS
See Figure 5
Room
0.6
1
Break-Before-Make Interval
tOPEN
See Figure 4
Room
0.2
EN and WR
Turn-On Time
tON(EN, WR)
See Figures 6 and 7
Room
1
1.5
ms
EN and WR
Turn-Off Time
tOFF(EN, WR)
See Figures 6 and 8
Room
0.4
1
Charge Injection
Q
VS = 0 V, Ry = 0 W
CL = 10 mF
Room
4
pC
Off Isolation
OIRR
VEN = 0 V, RL = 1 kW
CL = 15 pF
VS = 7 VRMS, f = 500 kHz
Room
68
dB
Logic Input Capacitance
Cin
f = 1 MHz
Room
2.5
F
Source Off Capacitance
CS(off)
VEN = 0 V, VS = 0 V
f = 140 kHz
Room
5
pF
Drain Off Capacitance
CD(off)
VEN = 0 V
VD = 0 V
DG528
Room
25
pF
Drain Off Capacitance
CD(off)
VD = 0 V
f = 140 kHz
DG529
Room
12
Minimum Input Timing Requirements
Write Pulse Width
tW
Full
300
300
AX , EN Setup Time
tS
Full
180
180
ns
AX , EN Hold Time
tH
Full
30
30
ns
Reset Pulse Width
tRS
VS = 5 V, See Figure 3
Full
500
500



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com