Electronic Components Datasheet Search
  English  ▼

X  

FVM58 Datasheet(PDF) 5 Page - Pepperl+Fuchs Inc.

Part # FVM58
Description  Multiturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FVM58 Datasheet(HTML) 5 Page - Pepperl+Fuchs Inc.

  FVM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
FVM58
5
For additional information on the accessories, please see the "Accessories" section.
Accessories
For type
Accessories
Name/defining feature
Order code
FVM58N-011
Couplings
D1: Ø10 mm, D2: Ø10 mm
9401
D1: Ø10 mm, D2: Ø10 mm
9404
D1: Ø10 mm, D2: Ø10 mm
9409
D1: Ø10 mm, D2: Ø10 mm
KW
Measurement wheels with cir-
cumference of 500 mm
Plastic
9101, 10
Pimpled rubber
9102, 10
Knurled aluminium
9103, 10
Knurled plastic
9112, 10
Measurement wheels with cir-
cumference of 200 mm
Plastic
9108, 10
Pimpled rubber
9109, 10
Knurled aluminium
9110, 10
Knurled plastic
9113, 10
Mounting aids
Mounting bracket
9203
Mounting bracket
9213
FVM58N-032
Couplings
D1: Ø6 mm, D2: Ø6 mm
9401
D1: Ø6 mm, D2: Ø6 mm
9402
D1: Ø6 mm, D2: Ø6 mm
9404
D1: Ø6 mm, D2: Ø6 mm
9409
2D1: Ø6 mm, D2: Ø6 mm
KW
Mounting aids
Mounting bracket and set
9300 and 9311-3
Eccentric clamping elements
9310-3
All
Connector
Cable socket
9426



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com