Electronic Components Datasheet Search
  English  ▼

X  

FVM58 Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # FVM58
Description  Multiturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FVM58 Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  FVM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Multiturn absolute encoder
FVM58
6
Order code
FV M
5
8
–
3
N
–
Number of bits singleturn*)
(Resolution)
13
8192
Number of bits multiturn*)
(Revolutions)
12
4096 (only connection type K2)
08
256
Temperature range
N
Not expanded
Output code
B
Binary
G
Gray
Option 1
3
V/R, LATCH, PRESET
Exit position
A
Axial
R
Radial
Connection type
K2
Cable Ø9 mm, 15 x 2 x 0.14 mm², 2 m
AE
Plug connector type 9426, 26-pin (only axial)
Shaft dimension/flange version
011
Shaft Ø10 mm x 20 mm with clamping flange
032
Shaft Ø6 mm x 10 mm with servo flange
Housing material
N
Aluminium, powder coated
I
Inox
Principle of operation
M
Multiturn
Shaft version
*)
total number of bits (singleturn + multiturn) = 25 bit (cable version)
V
Solid shaft
total number of bits (singleturn + multiturn) = 21 bit (plug connector version)
Data format
F
Fast parallel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com