Electronic Components Datasheet Search
  English  ▼

X  

FVM58 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # FVM58
Description  Multiturn absolute encoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

FVM58 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  FVM58 Datasheet HTML 1Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 2Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 3Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 4Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 5Page - Pepperl+Fuchs Inc. FVM58 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Multiturn absolute encoder
FVM58
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
FVM58
Features
• Industrial standard
housing Ø58 mm
•25-bit multiturn
• Output code: gray and binary
• Short-circuit proof push-pull out-
put
• Inputs for selecting counting di-
rection, LATCH, and PRESET
• Code change frequency up to 400
kHz
• Servo or clamping flange
Description
The emphasis for this series is on rapid data trans-
fer. Position data are read directly out of the Gray
code disc. The high code switching frequency of
400 kHz is achieved by consciously avoiding the
use of a microcontroller.
In terms of the mechanics, designs with clamping
flange or servo flange are available for the FVM58
multiturn absolute encoder.
Technical data
Functional safety related parameters
MTTFd
110 a
Mission Time (TM)
20 a
L10h
1.9 E+11 at 6000 rpm and 20/40 N axial/radial shaft load
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage UB
10 ... 30 V DC
No-load supply current I0
max. 140 mA
Power consumption P0
≤ 2.5 W , without output drivers
Linearity
± 0.5 LSB
Output code
Gray code, binary code
Code course (counting direction)
cw ascending (clockwise rotation, code course ascending)
Code preparation time
0.3 ms
Interface
Interface type
Push-pull, parallel , short-circuit protected
Resolution
Multiturn
25 Bit
Load current
20 mA
Voltage drop
≤ 2.5 V
Signal voltage
High
operating voltage minus voltage drop
Low
≤ 2.8 V
Rise time
300 ns
De-energized delay
300 ns
Code change frequency
400 kHz
Input 1
Input type
Selection of counting direction (cw/ccw)
Signal voltage
High
10 ... 30 V
Low
0 ... 2 V
Input current
< 6 mA
Signal duration
≥ 10 ms
Input 2
Input type
Temporary storage (LATCH)
Signal voltage
High
10 ... 30 V
Low
0 ... 2 V
Input current
< 6 mA
Signal duration
≥ 100 µs
Switch-on delay
< 0.1 ms
Switch-off delay
< 0.1 ms
Input 3
Input type
zero-set (PRESET)
Signal voltage
High
10 ... 30 V
Low
0 ... 2 V
Input current
< 6 mA
Signal duration
≥ 10 ms
Switch-on delay
< 1 ms
Connection
Connector
type 9426, 26-pin
Cable
Ø9 mm, 15 x 2 x 0.14 mm2, 2 m
Standard conformity
Degree of protection
DIN EN 60529, IP65
Climatic testing
DIN EN 60068-2-3, no moisture condensation
Emitted interference
EN 61000-6-4:2007
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 100 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 10 g, 10 ... 2000 Hz
Ambient conditions
Operating temperature
-40 ... 85 °C (-40 ... 185 °F)
cable models:
-30 ... 70 °C (rigid wiring)
-5 ... 70 °C (flexible wiring)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F) (cable models: -5 ... 70 °C)
Mechanical specifications
Material
Combination 1
housing: powder coated aluminum
flange: aluminum
shaft: stainless steel
Combination 2 (Inox)
housing: stainless steel
flange: stainless steel
shaft: stainless steel
Mass
approx. 400 g (combination 1)
approx. 800 g (combination 2)
Rotational speed
max. 12000 min -1
Moment of inertia
30 gcm2
Starting torque
≤ 5 Ncm
Shaft load
Axial
40 N
Radial
110 N


Similar Part No. - FVM58

ManufacturerPart #DatasheetDescription
logo
Level One
FVM-1000 LVL1-FVM-1000 Datasheet
1Mb / 3P
RJ45 to SFP Managed Fast Ethernet Media Converter
FVM-1101 LVL1-FVM-1101 Datasheet
391Kb / 3P
RJ45 to SC Managed Fast Ethernet Media Converter, Multi-Mode Fiber
FVM-1220 LVL1-FVM-1220 Datasheet
1Mb / 3P
RJ45 to SC Managed Fast Ethernet Media Converter, Single-Mode Fiber, 20km
logo
Fox Electronics
FVM25AXT FOX-FVM25AXT Datasheet
36Kb / 1P
3.3V HCMOS, CERAMIC, SMD, VCXO
FVM25AXTR FOX-FVM25AXTR Datasheet
36Kb / 1P
3.3V HCMOS, CERAMIC, SMD, VCXO
More results

Similar Description - FVM58

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASM58-H PF-ASM58-H Datasheet
374Kb / 7P
Multiturn absolute encoder
AVM58-K PF-AVM58-K Datasheet
413Kb / 8P
Multiturn absolute encoder
CVM58 PF-CVM58 Datasheet
403Kb / 5P
Multiturn absolute encoder
ESM58-TZ PF-ESM58-TZ Datasheet
290Kb / 4P
Multiturn absolute encoder
ESM78E-E PF-ESM78E-E Datasheet
450Kb / 4P
Multiturn absolute encoder
EVM58-IZ PF-EVM58-IZ Datasheet
412Kb / 5P
Multiturn absolute encoder
EVM58-PZ PF-EVM58-PZ Datasheet
395Kb / 5P
Multiturn absolute encoder
EVM78E-E PF-EVM78E-E Datasheet
828Kb / 5P
Multiturn absolute encoder
FSM58 PF-FSM58 Datasheet
277Kb / 5P
Multiturn absolute encoder
PVM58X PF-PVM58X Datasheet
489Kb / 5P
Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com