Electronic Components Datasheet Search
  English  ▼

X  

H06 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # H06
Description  Inverter with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

H06 Datasheet(HTML) 4 Page - NXP Semiconductors

  H06 Datasheet HTML 1Page - NXP Semiconductors H06 Datasheet HTML 2Page - NXP Semiconductors H06 Datasheet HTML 3Page - NXP Semiconductors H06 Datasheet HTML 4Page - NXP Semiconductors H06 Datasheet HTML 5Page - NXP Semiconductors H06 Datasheet HTML 6Page - NXP Semiconductors H06 Datasheet HTML 7Page - NXP Semiconductors H06 Datasheet HTML 8Page - NXP Semiconductors H06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2003 Dec 02
4
Philips Semiconductors
Product specification
Inverter with open-drain outputs
74HC3G06; 74HCT3G06
handbook, halfpage
1
2
3
4
8
7
6
5
MNB030
06
VCC
1Y
3Y
3A
2Y
GND
2A
1A
Fig.1 Pin configuration.
handbook, halfpage
7
1
1
1
5
3
MNB031
1
2
6
Fig.2 Logic symbol.
handbook, halfpage
MNB032
1A
1Y
17
2A
2Y
35
3A
3Y
62
Fig.3 IEC logic symbol.
handbook, halfpage
MNA586
Y
A
GND
Fig.4 Logic diagram (one driver).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com