Electronic Components Datasheet Search
  English  ▼

X  

H06 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # H06
Description  Inverter with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

H06 Datasheet(HTML) 1 Page - NXP Semiconductors

  H06 Datasheet HTML 1Page - NXP Semiconductors H06 Datasheet HTML 2Page - NXP Semiconductors H06 Datasheet HTML 3Page - NXP Semiconductors H06 Datasheet HTML 4Page - NXP Semiconductors H06 Datasheet HTML 5Page - NXP Semiconductors H06 Datasheet HTML 6Page - NXP Semiconductors H06 Datasheet HTML 7Page - NXP Semiconductors H06 Datasheet HTML 8Page - NXP Semiconductors H06 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product specification
Supersedes data of 2003 May 15
2003 Dec 02
INTEGRATED CIRCUITS
74HC3G06; 74HCT3G06
Inverter with open-drain outputs


Similar Part No. - H06

ManufacturerPart #DatasheetDescription
logo
Dielectric Laboratories...
H060XHXS DILABS-H060XHXS Datasheet
255Kb / 2P
6GHz Surface Mount Highpass Filter
logo
Knowles Electronics
H060XHXS KNOWLES-H060XHXS Datasheet
255Kb / 2P
6GHz Surface Mount Highpass Filter
logo
Knowles Capacitors All ...
H060XHXS JOHANSONMANUFACTURING-H060XHXS Datasheet
874Kb / 5P
6GHz Surface Mount Highpass Filter
Jan 2024
H060XHXS-T JOHANSONMANUFACTURING-H060XHXS-T Datasheet
874Kb / 5P
6GHz Surface Mount Highpass Filter
Jan 2024
logo
CBC Group. CBC AMERICA ...
H0624KP COMPUTAR-H0624KP Datasheet
47Kb / 1P
f = 6.0mm F2.4 Megapixel lens for 1/2 type Format Board Cameras, No Iris
2009.2
More results

Similar Description - H06

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC05 SLS-SL74HC05 Datasheet
35Kb / 5P
Hex Inverter with Open-Drain Outputs
logo
KODENSHI_AUK CORP.
KK74HC05A KODENSHI-KK74HC05A Datasheet
286Kb / 6P
Hex Inverter with Open-Drain Outputs
logo
ON Semiconductor
MC74HC05A ONSEMI-MC74HC05A Datasheet
157Kb / 7P
Hex Inverter with Open Drain Outputs
November, 2009 ??Rev. 0
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
NL27WZ06 ONSEMI-NL27WZ06_12 Datasheet
127Kb / 7P
Dual Inverter with Open Drain Outputs
April, 2012 ??Rev. 9
logo
Unisonic Technologies
U74HCT3G06 UTC-U74HCT3G06 Datasheet
184Kb / 4P
INVERTER WITH OPEN-DRAIN OUTPUTS
logo
NXP Semiconductors
74HC_HCT3G06 PHILIPS-74HC_HCT3G06_15 Datasheet
182Kb / 14P
Triple inverter with open-drain outputs
Rev. 4-19 December 2013
logo
ON Semiconductor
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
logo
Nexperia B.V. All right...
74LVC06A-Q100 NEXPERIA-74LVC06A-Q100 Datasheet
223Kb / 12P
Hex inverter with open-drain outputs
logo
Diodes Incorporated
74LVC3G06 DIODES-74LVC3G06 Datasheet
546Kb / 8P
TRIPLE INVERTER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com