Electronic Components Datasheet Search
  English  ▼

X  

H06 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # H06
Description  Inverter with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

H06 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button H06 Datasheet HTML 4Page - NXP Semiconductors H06 Datasheet HTML 5Page - NXP Semiconductors H06 Datasheet HTML 6Page - NXP Semiconductors H06 Datasheet HTML 7Page - NXP Semiconductors H06 Datasheet HTML 8Page - NXP Semiconductors H06 Datasheet HTML 9Page - NXP Semiconductors H06 Datasheet HTML 10Page - NXP Semiconductors H06 Datasheet HTML 11Page - NXP Semiconductors H06 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2003 Dec 02
8
Philips Semiconductors
Product specification
Inverter with open-drain outputs
74HC3G06; 74HCT3G06
AC CHARACTERISTICS
Type 74HC3G06
GND = 0 V; tr =tf ≤ 6.0 ns; CL =50pF.
Note
1. All typical values are measured at Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note 1
tPZL
propagation delay nA to nY see Figs 5 and 6
2.0
−
22
95
ns
4.5
−
918
ns
6.0
−
816
ns
tPLZ
propagation delay nA to nY see Figs 5 and 6
2.0
−
24
95
ns
4.5
−
11
20
ns
6.0
−
10
19
ns
tTHL
output transition time
see Figs 5 and 6
2.0
−
18
95
ns
4.5
−
619
ns
6.0
−
516
ns
Tamb = −40 to +125 °C
tPZL
propagation delay nA to nY see Figs 5 and 6
2.0
−−
125
ns
4.5
−−
25
ns
6.0
−−
20
ns
tPLZ
propagation delay nA to nY see Figs 5 and 6
2.0
−−
125
ns
4.5
−−
27
ns
6.0
−−
23
ns
tTHL
output transition time
see Figs 5 and 6
2.0
−−
125
ns
4.5
−−
25
ns
6.0
−−
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com