Electronic Components Datasheet Search
  English  ▼

X  

LM25005 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25005
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM25005 Datasheet HTML 13Page - National Semiconductor (TI) LM25005 Datasheet HTML 14Page - National Semiconductor (TI) LM25005 Datasheet HTML 15Page - National Semiconductor (TI) LM25005 Datasheet HTML 16Page - National Semiconductor (TI) LM25005 Datasheet HTML 17Page - National Semiconductor (TI) LM25005 Datasheet HTML 18Page - National Semiconductor (TI) LM25005 Datasheet HTML 19Page - National Semiconductor (TI) LM25005 Datasheet HTML 20Page - National Semiconductor (TI) LM25005 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Application Information (Continued)
PCB LAYOUT AND THERMAL CONSIDERATIONS
The circuit in Figure 1 serves as both a block diagram of the
LM25005 and a typical application board schematic for the
LM25005. In a buck regulator there are two loops where
currents are switched very fast. The first loop starts from the
input capacitors, to the regulator VIN pin, to the regulator SW
pin, to the inductor then out to the load. The second loop
starts from the output capacitor ground, to the regulator
PGND pins, to the regulator IS pins, to the diode anode, to
the inductor and then out to the load. Minimizing the loop
area of these two loops reduces the stray inductance and
minimizes noise and possible erratic operation. A ground
plane in the PC board is recommended as a means to
connect the input filter capacitors to the output filter capaci-
tors and the PGND pins of the regulator. Connect all of the
low power ground connections (C
SS,RT,CRAMP) directly to
the regulator AGND pin. Connect the AGND and PGND pins
together through the topside copper area covering the entire
underside of the device. Place several vias in this underside
copper area to the ground plane.
The two highest power dissipating components are the re-
circulating diode and the LM25005 regulator IC. The easiest
method to determine the power dissipated within the
LM25005 is to measure the total conversion losses (Pin –
Pout) then subtract the power losses in the Schottky diode,
output inductor and snubber resistor. An approximation for
the Schottky diode loss is P = (1-D) x Iout x Vfwd. An
approximation for the output inductor power is P = I
OUT
2 xR
x 1.1, where R is the DC resistance of the inductor and the
1.1 factor is an approximation for the ac losses. If a snubber
is used, the power loss can be estimated with an oscillo-
scope by observation of the resistor voltage drop at both
turn-on and turn-off transitions. The regulator has an ex-
posed thermal pad to aid power dissipation. Adding several
vias under the device to the ground plane will greatly reduce
the regulator junction temperature. Selecting a diode with an
exposed pad will aid the power dissipation of the diode.
TABLE 1. 5V, 2.5A Demo Board Bill of Materials
ITEM
PART NUMBER
DESCRIPTION
VALUE
C
1
C4532X7R2A225M
CAPACITOR, CER, TDK
2.2µ, 100V
C
2
C4532X7R2A225M
CAPACITOR, CER, TDK
2.2µ, 100V
C
3
C0805C331G1GAC
CAPACITOR, CER, KEMET
330p, 100V
C
4
C2012X7R2A103K
CAPACITOR, CER, TDK
0.01µ, 100V
C
5
C2012X7R2A103K
CAPACITOR, CER, TDK
0.01µ, 100V
C
6
OPEN
NOT USED
C
7
C2012X7R2A223K
CAPACITOR, CER, TDK
0.022µ, 100V
C
8
C2012X7R1C474M
CAPACITOR, CER, TDK
0.47µ, 16V
C
9
C3225X7R1C226M
CAPACITOR, CER, TDK
22µ, 16V
C
10
EEFHE0J151R
CAPACITOR, SP, PANASONIC
150µ, 6.3V
C
11
C0805C331G1GAC
CAPACITOR, CER, KEMET
330p, 100V
C
12
OPEN
NOT USED
D
1
CSHD6-60C
DIODE, 60V, CENTRAL
6CWQ10FN
DIODE, 100V, IR (D1-ALT)
L
1
DR127-330
INDUCTOR, COOPER
33µH
R
1
OPEN
NOT USED
R
2
OPEN
NOT USED
R
3
CRCW08052102F
RESISTOR
21K
R
4
CRCW08054992F
RESISTOR
49.9K
R
5
CRCW08055111F
RESISTOR
5.11K
R
6
CRCW08051651F
RESISTOR
1.65K
R
7
CRCW2512100J
RESISTOR
10, 1W
U
1
LM25005
REGULATOR, NATIONAL SEMICONDUCTOR
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com