Electronic Components Datasheet Search
  English  ▼

X  

LM25005 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM25005
Description  42V, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM25005 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM25005 Datasheet HTML 1Page - National Semiconductor (TI) LM25005 Datasheet HTML 2Page - National Semiconductor (TI) LM25005 Datasheet HTML 3Page - National Semiconductor (TI) LM25005 Datasheet HTML 4Page - National Semiconductor (TI) LM25005 Datasheet HTML 5Page - National Semiconductor (TI) LM25005 Datasheet HTML 6Page - National Semiconductor (TI) LM25005 Datasheet HTML 7Page - National Semiconductor (TI) LM25005 Datasheet HTML 8Page - National Semiconductor (TI) LM25005 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM25005
42V, 2.5A Step-Down Switching Regulator
General Description
The LM25005 switching regulator features all of the func-
tions necessary to implement an efficient, high voltage buck
regulator using a minimum of external components. This
easy to use regulator includes a 42V, 160m
Ω, N-channel
MOSFET, with an output current capability of 2.5 Amps. The
regulator control method is based upon current mode control
utilizing an emulated current ramp. Current mode control
provides inherent line voltage feed-forward, cycle-by-cycle
current limiting and ease of loop compensation. The use of
an emulated control ramp reduces noise sensitivity of the
pulse-width modulation circuit, allowing reliable control of
very small duty cycles necessary in high input voltage appli-
cations. The operating frequency is programmable from
50kHz to 500kHz. An oscillator synchronization pin allows
multiple LM25005 regulators to self-synchronize or to be
synchronized to an external clock. Additional protection fea-
tures include: current limit, thermal shutdown and remote
shutdown capability. The device is available in a power
enhanced TSSOP-20 package featuring an exposed die
attach pad to aid thermal dissipation.
Features
n
Integrated 42V, 160m
Ω N-channel MOSFET
n
Ultra-wide input voltage range from 7V to 42V
n
Internal bias regulator
n
Adjustable output voltage from 1.225V
n
1.5% feedback reference accuracy
n
Current mode control with emulated inductor current
ramp
n
Single resistor oscillator frequency setting
n
Oscillator synchronization input
n
Programmable soft-start
n
Shutdown / Standby input
n
Wide bandwidth error amplifier
n
Thermal Shutdown
Package
n
TSSOP-20EP (Exposed Pad)
Simplified Application Schematic
20170001
February 2006
© 2006 National Semiconductor Corporation
DS201700
www.national.com


Similar Part No. - LM25005

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25005 TI-LM25005 Datasheet
949Kb / 28P
LM25005 42V, 2.5A Step-Down Switching Regulator
LM25005 TI2-LM25005 Datasheet
616Kb / 30P
LM25005 42V, 2.5A Step-Down Switching Regulator
REVISED MARCH 2013
logo
National Semiconductor ...
LM25005MH NSC-LM25005MH Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25005MH TI-LM25005MH Datasheet
949Kb / 28P
LM25005 42V, 2.5A Step-Down Switching Regulator
More results

Similar Description - LM25005

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
42V, 1.0A Step-Down Switching Regulator
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
42V, 0.5A Step-Down Switching Regulator
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
42V, 1.0A Step-Down Switching Regulator
logo
Linear Technology
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
logo
Texas Instruments
LM25010 TI1-LM25010_14 Datasheet
1Mb / 27P
42V, 1.0A Step-Down Switching Regulator
logo
Linear Technology
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT3975 LINER-LT3975_15 Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7A Quiescent Current
logo
Texas Instruments
LM25005 TI-LM25005_15 Datasheet
949Kb / 28P
LM25005 42V, 2.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com