Electronic Components Datasheet Search
  English  ▼

X  

HMC1082CHIP Datasheet(PDF) 5 Page - Analog Devices

Part # HMC1082CHIP
Description  5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1082CHIP Datasheet(HTML) 5 Page - Analog Devices

  HMC1082CHIP Datasheet HTML 1Page - Analog Devices HMC1082CHIP Datasheet HTML 2Page - Analog Devices HMC1082CHIP Datasheet HTML 3Page - Analog Devices HMC1082CHIP Datasheet HTML 4Page - Analog Devices HMC1082CHIP Datasheet HTML 5Page - Analog Devices HMC1082CHIP Datasheet HTML 6Page - Analog Devices HMC1082CHIP Datasheet HTML 7Page - Analog Devices HMC1082CHIP Datasheet HTML 8Page - Analog Devices HMC1082CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
HMC1082CHIP
Rev. B | Page 5 of 15
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Drain Bias Voltage (VDD)
5.5 V dc
Radio Frequency (RF) Input Power (RFIN)
20 dBm
Continuous Power Dissipation (PDISS), T =
85°C (Derate 20.4 mW/°C Above 85°C)
1.84 W
Channel Temperature
175°C
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−55°C to +85°C
Junction Temperature to Maintain
1,000,000 Hour Mean Time to Failure
(MTTF)
175°C
Nominal Junction Temperature (T =
85°C, VDD = 5 V, IDQ = 220 mA)
138.8°C
ESD Sensitivity
Human Body Model (HBM)
Class 1A
(passed 250 V)
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
θJC is the junction to case thermal resistance, channel to bottom
of die.
Table 5. Thermal Resistance
Package Type
θJC
Unit
C-6-13
48.9
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com