Electronic Components Datasheet Search
  English  ▼

X  

HMC1082CHIP Datasheet(PDF) 1 Page - Analog Devices

Part # HMC1082CHIP
Description  5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1082CHIP Datasheet(HTML) 1 Page - Analog Devices

  HMC1082CHIP Datasheet HTML 1Page - Analog Devices HMC1082CHIP Datasheet HTML 2Page - Analog Devices HMC1082CHIP Datasheet HTML 3Page - Analog Devices HMC1082CHIP Datasheet HTML 4Page - Analog Devices HMC1082CHIP Datasheet HTML 5Page - Analog Devices HMC1082CHIP Datasheet HTML 6Page - Analog Devices HMC1082CHIP Datasheet HTML 7Page - Analog Devices HMC1082CHIP Datasheet HTML 8Page - Analog Devices HMC1082CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC,
Medium Power Amplifier
Data Sheet
HMC1082CHIP
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High saturated output power: 26 dBm with 24% PAE
High gain: 24 dB typical
High output IP3: 36 dBm typical
High output P1dB: 25.5 dBm
Die size: 2.19 mm × 1.05 × 0.1 mm
APPLICATIONS
Software defined radios
Electronics warfare (EW)
Radar applications
Electronic countermeasures (ECMs)
FUNCTIONAL BLOCK DIAGRAM
RFIN
VGG
VDD1
VDD2
VDD3
2.5kΩ
2.5kΩ
RFOUT
HMC1082CHIP
1
2
3
6
4
5
Figure 1.
GENERAL DESCRIPTION
The HMC1082CHIP is a gallium arsenide (GaAs), monolithic
microwave integrated circuit (MMIC), pseudomorphic high
electron mobility transistor (pHEMT), driver amplifier that
operates from 5.5 GHz to 18 GHz. The HMC1082CHIP provides
a typical gain of 24 dB, 36 dBm output IP3, and 25.5 dBm of
output power for 1 dB compression, requiring only 220 mA
from a 5 V supply voltage. The saturated output power (PSAT)
is 26 dBm with 24% power added efficiency (PAE).
The HMC1082CHIP is an ideal driver amplifier for a wide range
of applications including point to point radios from 5.5 GHz to
18 GHz and marine radars at 9 GHz. The HMC1082CHIP can
also be used for 6 GHz to 18 GHz EW and ECM applications.


Similar Part No. - HMC1082CHIP

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1082LP4E HITTITE-HMC1082LP4E Datasheet
647Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
logo
Analog Devices
HMC1082LP4E AD-HMC1082LP4E Datasheet
796Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
More results

Similar Description - HMC1082CHIP

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B_08 Datasheet
242Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC451LP3 HITTITE-HMC451LP3 Datasheet
931Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
HMC1082LP4E HITTITE-HMC1082LP4E Datasheet
647Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com