Electronic Components Datasheet Search
  English  ▼

X  

HMC1082CHIP Datasheet(PDF) 9 Page - Analog Devices

Part # HMC1082CHIP
Description  5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1082CHIP Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC1082CHIP Datasheet HTML 5Page - Analog Devices HMC1082CHIP Datasheet HTML 6Page - Analog Devices HMC1082CHIP Datasheet HTML 7Page - Analog Devices HMC1082CHIP Datasheet HTML 8Page - Analog Devices HMC1082CHIP Datasheet HTML 9Page - Analog Devices HMC1082CHIP Datasheet HTML 10Page - Analog Devices HMC1082CHIP Datasheet HTML 11Page - Analog Devices HMC1082CHIP Datasheet HTML 12Page - Analog Devices HMC1082CHIP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
HMC1082CHIP
Rev. B | Page 9 of 15
30
16
18
20
22
24
26
28
5.5
8.0
10.5
13.0
15.5
18.0
FREQUENCY (GHz)
4.0V
4.5V
5.0V
Figure 20. P1dB vs. Frequency for Various VDD, IDQ = 220 mA
30
16
18
20
22
24
26
28
5.5
8.0
10.5
13.0
15.5
18.0
FREQUENCY (GHz)
180mA
200mA
220mA
250mA
Figure 21. P1dB vs. Frequency for Various IDQ, VDD = 5 V
30
0
–8
7
INPUT POWER (dBm)
5
10
15
20
25
–7 –6 –5 –4 –3 –2 –1 0
1
2
3
4
5
6
326
224
241
258
275
292
309
POUT
GAIN
PAE
IDD
Figure 22. POUT, Gain, PAE, and Drain Current (IDD) vs. Input Power,
Frequency = 11 GHz
30
16
18
20
22
24
26
28
5.5
8.0
10.5
13.0
15.5
18.0
FREQUENCY (GHz)
4.0V
4.5V
5.0V
Figure 23. PSAT vs. Frequency for Various VDD, IDQ = 220 mA
30
16
18
20
22
24
26
28
5.5
8.0
10.5
13.0
15.5
18.0
FREQUENCY (GHz)
180mA
200mA
220mA
250mA
Figure 24. PSAT vs. Frequency for Various IDQ, VDD = 5 V
1.4
0.7
–8
8
INPUT POWER (dBm)
0.8
0.9
1.0
1.1
1.2
1.3
–6
–4
–2
0
2
4
6
7GHz
9GHz
11GHz
13GHz
15GHz
17GHz
Figure 25. Power Dissipation vs. Input Power at T = 85°C, VDD = 5 V,
IDD = 220 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com