Electronic Components Datasheet Search
  English  ▼

X  

HMC442 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC442
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC442 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC442 Datasheet HTML 3Page - Analog Devices HMC442 Datasheet HTML 4Page - Analog Devices HMC442 Datasheet HTML 5Page - Analog Devices HMC442 Datasheet HTML 6Page - Analog Devices HMC442 Datasheet HTML 7Page - Analog Devices HMC442 Datasheet HTML 8Page - Analog Devices HMC442 Datasheet HTML 9Page - Analog Devices HMC442 Datasheet HTML 10Page - Analog Devices HMC442 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
HMC980
v00.0312
Active BiAs controller
High current
vneG load transient vDD=5v
-2.6
-2.55
-2.5
-2.45
-2.4
-2.35
-2.3
-2.25
-2.2
-40
-30
-20
-10
0
10
20
30
40
0
123
4567
89
10
TIME (ms)
vneG load transient vDD=16.5v
-2.6
-2.55
-2.5
-2.45
-2.4
-2.35
-2.3
-2.25
-2.2
-40
-30
-20
-10
0
10
20
30
40
0
123
4567
89
10
TIME (ms)
vGAte load regulation @ vDD=12v [1]
-1.5
-1.25
-1
-0.75
-0.5
-0.25
0
-7 -6 -5 -4 -3 -2 -1
0
1
2
3
4
5
6
7
+25C
+85C
-55C
IG (mA)
IDrain is set to : 388mA
vG2 load regulation @ vDD=12v [1]
0
1
2
3
4
5
6
7
8
9
10
-8
-6
-4
-2
0
2
4
6
8
VG2=0.97V
VG2=1.81V
VG2=3.73V
VG2=6.68V
IG2 (mA)
IDrain is set to : 388mA
-2.5
-2.48
-2.46
-2.44
5
7
9
11
13
15
17
+25C
+85C
-55C
SUPPLY VOLTAGE (V)
No load condition
vneG line regulation vs. supply voltage
[1] hMC637lp5 is used as external amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com