Electronic Components Datasheet Search
  English  ▼

X  

HMC442 Datasheet(PDF) 15 Page - Analog Devices

Part # HMC442
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC442 Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC442 Datasheet HTML 11Page - Analog Devices HMC442 Datasheet HTML 12Page - Analog Devices HMC442 Datasheet HTML 13Page - Analog Devices HMC442 Datasheet HTML 14Page - Analog Devices HMC442 Datasheet HTML 15Page - Analog Devices HMC442 Datasheet HTML 16Page - Analog Devices HMC442 Datasheet HTML 17Page - Analog Devices HMC442 Datasheet HTML 18Page - Analog Devices HMC442 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
13
HMC980
v00.0312
Active BiAs controller
High current
where VDrain is the supply voltage of the external amplifier and iDrain is the desired constant bias current through
the external amplifier.
note that rDs_on resistance of the internal Fet switch can be adjusted through s0, s1 pads based on the Drain
current requirement as shown in table-1. rDs_on is typically equal to 0.7 ohm when s0 and s1 are pulled up to
VDiG, and is typically equal to 2.8 ohm when s0 and s1 are pulled down to GnD. if s0 and s1 pads are left floating,
it is pulled up to VDiG through an internal weak pull-up. recommended settings for the s0 and s1 positions are given
in table-1. not using the hMC980 in the recommended settings may increase the power dissipation of the part and
the part-to-part variation.
Table 1. Recomended Current Range Configuration
negative voltage Generator (vneGoUt)
the hMC980 has internal regulated charge pump circuitry to generate the negative voltage (VneGoUt) required for
depletion mode devices. the hMC980 generates -2.5V at the VneGoUt output in default configuration. it requires
two diodes and two capacitors connected externally as shown in the sample application schematics. it can be dis-
abled through the VGateFB and VneGFB pads, if an enhancement device is targeted or a negative supply is already
available in the system. in this configuration, simply connect the available negative supply to the VneG pad. see
table-2 for the operation mode selection. the hMC980 is designed to reject the ripple on the VneGoUt pad by iso-
lating VneGoUt from the VGate. thus, switching noise of the charge-pump is effectively isolated from the external
amplifier.
enable/Disable (en)
the active bias control loop is enabled when en is pulled up to VDiG, and it is disabled when it is pulled down to GnD.
if en is left floating hMC980 is enabled through an internal weak pull-up. note that VneG operation is independent
of en condition. en signal controls the operation of only VGate, VG2 and VDrain outputs. When en pulled down
to GnD, the hMC980 discharges VDrain and VG2 down to GnD and it pulls the VGate down to VneG. When en
pulled high to VDiG, hM980 enables, VDrain and VG2, and enables the bias control loop to automatically adjust the
VGate voltage. please see the “active Bias Control loop” section for detailed explanation and refer to the enable and
Disable waveforms for transient characteristics.
Active Bias control loop
the hMC980 regulates the bias current (iDrain) of the amplifier under bias through VGate output connected to
the gate of the external amplifier. in this closed loop operation the current passing through the amplifier under bias is
sampled and is used to automatically adjust VGate to achieve constant quiescent bias through the external amplifier.
the hMC980 continuously adjusts VGate voltage to achieve constant Drain current over any supply, tempera-
ture, process variations and threshold drifts due to aging. the part-to-part, temperature, and supply variation of the
hMC980 is excellent. thus, by using an accurate sense resistor connected to the isense pad, expensive calibration
procedures in high volume production could be avoided.
the gate control of the hMC980 is designed to both sink and source current in to the gate of the targeted amplifier (at
least ±4 ma). this unique feature is important to achieve nearly constant quiescent bias through the amplifier under
varying gate current at different input power values.
Current Range (A)
Condition
RD_ON Value (Ohm)
0.05 to 0.3
s1=s0=GnD
2.8
0.3 to 0.6
s1=GnD, s0=VDiG
1.55
0.6 to 1.2
s1=VDiG, s0=GnD
0.85
1.2 to 1.6
s1=VDiG, s0=VDiG
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com