Electronic Components Datasheet Search
  English  ▼

X  

HMC442 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC442
Description  Active Bias Controller High Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC442 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC442 Datasheet HTML 7Page - Analog Devices HMC442 Datasheet HTML 8Page - Analog Devices HMC442 Datasheet HTML 9Page - Analog Devices HMC442 Datasheet HTML 10Page - Analog Devices HMC442 Datasheet HTML 11Page - Analog Devices HMC442 Datasheet HTML 12Page - Analog Devices HMC442 Datasheet HTML 13Page - Analog Devices HMC442 Datasheet HTML 14Page - Analog Devices HMC442 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
HMC980
v00.0312
Active BiAs controller
High current
pad number
Function
Description
interface schematic
22,23,24,25
26
VDrain
Drain voltage. should be connected to the supply termi-
nal of the external amplifier. a minimum 10 nF capacitor
has to be placed close to the external amplifier to
improve load regulation.
27
VGate
Gate Control pad for external amplifier. Connect to the
gate (base) of the external amplifier. in order to guar-
antee stability, a 2.2μF capacitor should be connected
between the gate (base) terminal of the external ampli-
fier and GnD as close to the amplifier as possible.
28
VneG
negative input to the chip. should be supplied with
CpoUt when negative voltage generator is enabled, or
connect to external Vss when negative voltage genera-
tor is enabled. Defaults to -2.5V. if a value different than
-2.5V required, please contact factory.
29
VG2
second gate control.
30
VG2_Cont
Control voltage of the second gate pad VG2. Use a
resistor divider between VDD and GnD to set the volt-
age. VG2 is typically 1.3V lower than the VG2Cont.
Pad Descriptions (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com