Electronic Components Datasheet Search
  English  ▼

X  

MAX110 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX110
Description  Convenient Test Points Provided On-Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX110 Datasheet HTML 1Page - Maxim Integrated Products MAX110 Datasheet HTML 2Page - Maxim Integrated Products MAX110 Datasheet HTML 3Page - Maxim Integrated Products MAX110 Datasheet HTML 4Page - Maxim Integrated Products MAX110 Datasheet HTML 5Page - Maxim Integrated Products MAX110 Datasheet HTML 6Page - Maxim Integrated Products MAX110 Datasheet HTML 7Page - Maxim Integrated Products MAX110 Datasheet HTML 8Page - Maxim Integrated Products MAX110 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MAX110 Evaluation System/Evaluation Kit
2
_______________________________________________________________________________________
___MAX110 EV System Quick Start
This section applies only to the use of the MAX110 EV
kit operating with the Maxim 80C32 module.
1) Copy the files from the distribution disk to your hard
disk or to blank floppy disks. The MAX110 EV kit
software should be in its own directory. The neces-
sary files are in the root directory of the
distribution disk, and the source code is in the
SOURCE subdirectory. The SOURCE subdirectory
is not required to operate the EV kit.
2) Carefully connect the boards together by aligning
the 40-pin header of the MAX110 EV kit with the 40-
pin connector of the 80C32 module. Gently press
them together. The two boards should be flush
against one another.
3) Connect a 9V to 15V DC power source to the 80C32
module. The terminal block is located next to the
on/off switch, in the upper right corner of the 80C32
module. Observe the polarity marked on the board.
4) Connect a cable from the computer’s serial port to
the 80C32 module. If using a 9-pin serial port, use a
straight-through 9-pin female-to-male cable. If the
only available serial port uses a 25-pin connector, a
standard 25-pin to 9-pin adapter will be required.
5) Start the MAX110 software on the IBM PC by
setting the current directory to match the directory
that contains the Maxim programs, and then type
the program name, “MAX110”. Do not turn off or
disconnect the 80C32 module while the program is
running; if you do, you will have to restart the pro-
gram.
6) The program will ask to which serial port the 80C32
module is connected. Press the space bar until the
correct port is highlighted, and then press ENTER.
7) The MAX110 program will be in terminal emulation
mode. Turn on the power for the 80C32 module.
The 80C32 module will display its logon banner and
test its RAM.
8) To download and run the RAM resident code on the
80C32 module, press ALT+L (i.e. hold down the
ALT key as you strike the L key). The program
prompts you for the file name. Press the ENTER key
to download and run the file 110CODE.MAX on the
80C32 module.
9) When the RAM resident program has been suc-
cessfully downloaded, press ALT+C to switch to the
Control Panel screen. A bank of software “switches”
controls the MAX110. Two double-needle bar
graphs display the MAX110’s twin channels. The
QTY
DESCRIPTION
1
MAX110 evaluation kit (MAX110EVKIT-DIP)
1
80C32 µC module (80C32MODULE-DIP)
________EV System Component List
DESIGNATION QTY
DESCRIPTION
C1–C5, C7–10
9
0.1µF ceramic capacitors
C11–C15
5
10µF, 16V radial tantalum capacitors
C6–C16,
C17, C18
4
1µF ceramic capacitors
R1-R4
4
1k
Ω, 5% resistors
R5
1
10k
Ω, 8-pin SIP resistor, pin 1 common
R6, R7, R8
3
100
Ω, 5% resistors
R9
1
200
Ω multi-turn potentiometer
R10
1
2.43k
Ω, 1% resistor
R11
1
10k
Ω, 1% resistor
R12
0
Leave this site empty
U1
1
MAX110CPE
U2
1
ICL7660CPA
U3
1
1.024MHz crystal oscillator module
U4
1
MAX873CPA
J1, J4, J5
3
3-pin headers
J7, J8
2
2-pin headers
J2, J3, J9
0
Leave these sites empty
J6
0
Unused reference designator
H1
1
10-pin header
None
1
Female data connector
None
5
Shunts
None
1
14-pin socket for U3
None
1
16-pin socket for U1
None
1
4.5" x 3" PC board
None
4
Rubber feet
____________EV Kit Component List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com