Electronic Components Datasheet Search
  English  ▼

X  

MAX110 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX110
Description  Convenient Test Points Provided On-Board
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX110 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX110 Datasheet HTML 1Page - Maxim Integrated Products MAX110 Datasheet HTML 2Page - Maxim Integrated Products MAX110 Datasheet HTML 3Page - Maxim Integrated Products MAX110 Datasheet HTML 4Page - Maxim Integrated Products MAX110 Datasheet HTML 5Page - Maxim Integrated Products MAX110 Datasheet HTML 6Page - Maxim Integrated Products MAX110 Datasheet HTML 7Page - Maxim Integrated Products MAX110 Datasheet HTML 8Page - Maxim Integrated Products MAX110 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Be sure to observe frequency and amplitude limits for
the MAX110. The recommended frequency of operation
is 512kHz for XCLK÷1 mode, 1024kHz for XCLK÷2
mode, or 2048kHz for XCLK÷4 mode. The conversion
clock must have a constant, low-jitter frequency, other-
wise the MAX110’s linearity will suffer. Refer to the
MAX110 data sheet for additional information.
Using the Internal RC Oscillator
To use the MAX110’s internal RC oscillator, remove the
shunt from J5 and move the J1 shunt to pins 2-3. Make
sure that the XCLK÷4 mode is selected in the MAX110
program. The XCLK÷4 mode must be used when the
RC oscillator is enabled, since the RC oscillator fre-
quency is approximately 2MHz. To switch back to the
on-board crystal clock oscillator U3, move the J1 shunt
to pins 1-2 and put a shunt across J5 pins 1-2.
Crystal clock oscillators can introduce noise into the
system. For applications that demand reduced noise
and do not require either precisely controlled conver-
sion timing or 60Hz rejection, the MAX110’s internal RC
oscillator is recommended.
Changing the Reference Voltage
The default reference voltage for the MAX110 EV kit is
2V. When a different reference voltage is selected, for
proper scaling of the displayed output, specify the volt-
age in the command-line option when starting the pro-
gram (see Table 3).
To use the 2.5V MAX873 reference directly, carefully
cut the printed circuit trace at J3 between pins 2 and 3,
and then install a 3-pin header. Next, select the 2.5V
reference by installing a shunt at J3 between pins 1
and 2. Start the MAX110 program with the “-V2.5” com-
mand-line option, to tell the program that the
reference is now 2.5V. Be sure to observe absolute
maximum ratings for the device being evaluated. An
optional 100k
Ω trim pot may be added at site R12 to
trim the MAX873 voltage, if desired.
To supply an external voltage reference, carefully cut
the printed circuit trace at J3, between pins 2 and 3,
and at J2. Connect the reference voltage between the
VREF+ and VREF- pads. Run the MAX110 program,
and use the “-V” command-line option to specify the
reference voltage. Be sure to observe absolute maximum
ratings for the device being evaluated.
Activating Shutdown Mode
The MAX110 EV kit software can be used to measure
the supply current of the MAX110 in shutdown mode.
To evaluate shutdown mode, use the following
procedure:
MAX110 Evaluation System/Evaluation Kit
4
_______________________________________________________________________________________
JUMPER SETTING
FUNCTION
1-2
2-3
XCLK is the output from the MAX110’s
internal RC oscillator.
J1
open
Do not operate the EV kit with J1 open.
closed
VREF- connects to ground.
J2
open
VREF- does not connect to ground.
2-3
VREF+ connects to the on-board 2V
reference.
1-2
VREF+ connects to the on-board 2.5V
reference.
J3
open
VREF+ connects to a user-supplied
reference.
1-2
U1 = MAX110, VSS = -5V from ICL7660
2-3
U1 = MAX111, VSS = ground
J4
open
VSS must be supplied by the user.
1-2
XCLK is driven by the crystal oscillator
U3 (note that when J5 is in 1-2
position, J1 must be in 1-2 position).
2-3
XCLK connects to EXTCLK edge pad.
J5
open
XCLK is isolated.
J6
—
None
closed
IN1- connects to ground.
J7
open
IN1- does not connect to ground.
closed
IN2- connects to ground.
J8
open
IN2- does not connect to ground.
closed
The VDD supply to the MAX110 flows
through this jumper. Use this site to
measure the supply current drawn by
the MAX110.
J9
open
Do not operate the EV kit with J9 open.
Table 2. Jumper Settings on MAX110 EV Kit
XCLK is the clock input to the MAX110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com