Electronic Components Datasheet Search
  English  ▼

X  

PCIMX6D4AVT12AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCIMX6D4AVT12AD
Description  i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCIMX6D4AVT12AD Datasheet(HTML) 4 Page - NXP Semiconductors

  PCIMX6D4AVT12AD Datasheet HTML 1Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 2Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 3Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 4Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 5Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 6Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 7Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 8Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 170 page
background image
i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors, Rev. 6, 11/2018
4
NXP Semiconductors
Introduction
Figure 1 describes the part number nomenclature to identify the characteristics of the specific part number
you have (for example, cores, frequency, temperature grade, fuse options, silicon revision). Figure 1
applies to the i.MX 6Dual/6Quad.
The two characteristics that identify which data sheet a specific part applies to are the part number series
field and the temperature grade (junction) field:
•
The i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors data sheet
(IMX6DQAEC) covers parts listed with “A (Automotive temp)”
•The i.MX 6Dual/6Quad Applications Processors for Consumer Products data sheet (IMX6DQCEC)
covers parts listed with “D (Commercial temp)” or “E (Extended Commercial temp)”
•
The i.MX 6Dual/6Quad Applications Processors for Industrial Products data sheet (IMX6DQIEC)
covers parts listed with “C (Industrial temp)”
The Ensure that you have the right data sheet for your specific part by checking the temperature grade
(junction) field and matching it to the right data sheet. If you have questions, see nxp.com/imx6series or
contact your NXP representative.
MCIMX6D4AVT10AE
i.MX 6Dual
Includes GPU,
no VPU
1 GHz
Automotive
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (lidded)
MCIMX6D6AVT08AC
i.MX 6Dual
Includes VPU, GPU
852 MHz
Automotive
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (lidded)
MCIMX6D6AVT08AD
i.MX 6Dual
Includes VPU, GPU
852 MHz
Automotive
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (lidded)
MCIMX6D6AVT08AE
i.MX 6Dual
Includes VPU, GPU
852 MHz
Automotive
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (lidded)
MCIMX6D4AVT08AC
i.MX 6Dual
Includes GPU,
no VPU
852 MHz
Automotive
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (lidded)
MCIMX6D4AVT08AD
i.MX 6Dual
Includes GPU,
no VPU
852 MHz
Automotive
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (lidded)
MCIMX6D4AVT08AE
i.MX 6Dual
Includes GPU,
no VPU
852 MHz
Automotive
21 mm x 21 mm, 0.8 mm
pitch, FCPBGA (lidded)
1
If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 996 MHz.
Table 1. Example Orderable Part Numbers (continued)
Part Number
Quad/Dual CPU
Options
Speed1
Grade
Temperature
Grade
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com