Electronic Components Datasheet Search
  English  ▼

X  

PCIMX6D4AVT12AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCIMX6D4AVT12AD
Description  i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCIMX6D4AVT12AD Datasheet(HTML) 1 Page - NXP Semiconductors

  PCIMX6D4AVT12AD Datasheet HTML 1Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 2Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 3Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 4Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 5Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 6Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 7Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 8Page - NXP Semiconductors PCIMX6D4AVT12AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 170 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMX6DQAEC
Rev. 6, 11/2018
Package Information
FCPBGA Package
21 x 21 mm, 0.8 mm pitch
NXP Reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.
Ordering Information
See Table 1
MCIMX6QxAxxxxC
MCIMX6QxAxxxxD
MCIMX6QxAxxxxE
MCIMX6DxAxxxxC
MCIMX6DxAxxxxD
MCIMX6DxAxxxxE
1
Introduction
The i.MX 6Dual/6Quad automotive and infotainment
processors represent the latest achievement in integrated
multimedia applications processors. These processors
are part of a growing family of multimedia-focused
products that offer high-performance processing with a
high degree of functional integration. These processors
target the needs of the growing automotive infotainment,
telematics, HMI, and display-based cluster markets.
The i.MX 6Dual/6Quad processors feature advanced
implementation of the quad Arm® Cortex®-A9 core,
which operates at speeds up to 1 GHz. They include 2D
and 3D graphics processors, 1080p video processing,
and integrated power management. Each processor
provides a 64-bit DDR3/DDR3L/LPDDR2 memory
interface and a number of other interfaces for connecting
peripherals, such as WLAN, Bluetooth®, GPS, hard
drive, displays, and camera sensors.
The i.MX 6Dual/6Quad processors are specifically
useful for applications such as the following:
•
Automotive navigation and entertainment
i.MX 6Dual/6Quad
Automotive and
Infotainment Applications
Processors
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 3
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.3
Signal Naming Convention . . . . . . . . . . . . . . . . . . . 8
2
Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . . 10
2.1
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
3
Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3.1
Special Signal Considerations. . . . . . . . . . . . . . . . 19
3.2
Recommended Connections for Unused Analog
Interfaces. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
4
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . 20
4.1
Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . . . 20
4.2
Power Supplies Requirements and Restrictions . . 33
4.3
Integrated LDO Voltage Regulator Parameters . . 34
4.4
PLL Electrical Characteristics . . . . . . . . . . . . . . . . 36
4.5
On-Chip Oscillators . . . . . . . . . . . . . . . . . . . . . . . . 37
4.6
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 38
4.7
I/O AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 44
4.8
Output Buffer Impedance Parameters. . . . . . . . . . 49
4.9
System Modules Timing . . . . . . . . . . . . . . . . . . . . 53
4.10 Multi-Mode DDR Controller (MMDC). . . . . . . . . . . 64
4.11 General-Purpose Media Interface (GPMI) Timing. 64
4.12 External Peripheral Interface Parameters . . . . . . . 73
5
Boot Mode Configuration . . . . . . . . . . . . . . . . . . . . . . . 138
5.1
Boot Mode Configuration Pins. . . . . . . . . . . . . . . 138
5.2
Boot Devices Interfaces Allocation . . . . . . . . . . . 139
6
Package Information and Contact Assignments . . . . . . 141
6.1
Signal Naming Convention . . . . . . . . . . . . . . . . . 141
6.2
21 x 21 mm Package Information . . . . . . . . . . . . 141
7
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164


Similar Part No. - PCIMX6D4AVT12AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCIMX6D4AVT12AD NXP-PCIMX6D4AVT12AD Datasheet
3Mb / 171P
i.MX 6Dual/6Quad Applications Processors for Consumer Products
PCIMX6D4AVT12AD NXP-PCIMX6D4AVT12AD Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
More results

Similar Description - PCIMX6D4AVT12AD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX6Q6AVT10AC FREESCALE-MCIMX6Q6AVT10AC Datasheet
2Mb / 166P
i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
IMX6DQAEC FREESCALE-IMX6DQAEC Datasheet
2Mb / 165P
i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX8QMAEC NXP-IMX8QMAEC Datasheet
2Mb / 155P
i.MX 8QuadMax Automotive and Infotainment Applications Processors
Rev. 0, 10/2019
IMX6DQCEC NXP-IMX6DQCEC Datasheet
3Mb / 171P
i.MX 6Dual/6Quad Applications Processors for Consumer Products
IMX6DQCPOPEC NXP-IMX6DQCPOPEC Datasheet
1Mb / 161P
i.MX 6Dual/6Quad Applications Processors Consumer - PoP
Rev. 2, 11/2018
IMX6DQIEC NXP-IMX6DQIEC Datasheet
2Mb / 162P
i.MX 6Dual/6Quad Applications Processors for Industrial Products
Rev. 6, 11/2018
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com